Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHCCHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LSHCCHIP
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCCHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LSHCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 2/7
DESCRIPTION
The iC-LSHC photosensor is a general purpose op-
toelectronic scanner made to suit a variety of encod-
ing applications, such as rotary and linear encoders
used for motion control, robotics, brushless DC motor
commutation, power tools etc.
iC-LSHC features 12 monolithically integrated photo-
sensors with active areas of 800 µm x 330 µm each.
A high transimpedance gain of typically 4 MΩ gener-
ates output signals of a few hundret Millivolts already
from illumination levels of 0.3 to 0.7 mW/cm2. In most
cases no additional measures must be considered to
filter for noise and interferences.
Sine/cosine encoders are the typical application for
iC-LSHC. Its 3-track scanning features a set of 4 pho-
tosensors each per track, generating positive and
negative going sine signals, as well as positive and
negative going cosine signals. An excellent matching
and common mode behavior of the differential signal
paths is obtained by a paired amplifier design, re-
ducing the needs for external signal calibration to an
absolute minimum.
The spectral sensitivity range includes visible to near
infrared light, with the maximum sensitivity being
close to a wavelength of 680 nm. When using iC-
LSHC for encoder applications with typical disc and
mask codes, a signal amplitude of approximately 1 V
is typical under low light conditions, for instance when
iC-LSHC is illuminated at only 1.5 mW/cm2 by an
740 nm LED.
PACKAGES
PAD LAYOUT (2.88 mm x 3.37 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5..5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PS_N N-Track Sine +
4 NS_N N-Track Sine -
5 PS_M M-Track Sine +
6 NS_M M-Track Sine -
7 PS_S S-Track Sine +
8 NS_S S-Track Sine -
9 NC_S S-Track Cosine -
10 PC_S S-Track Cosine +
11 NC_M M-Track Cosine -
12 PC_M M-Track Cosine +
13 NC_N N-Track Cosine -
14 PC_N N-Track Cosine +
15 GND
Ground
Notes: All outputs supply analog volt-
ages.
Dimension G4 is the reference radius of
the chip center.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com