Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHCCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LSHCCHIP
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LSHCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 1/7
FEATURES
o Monolithic array of independent photosensors with excellent
matching
o Compact photosensor size of 800 µm x 330 µm enabling
smaller encoder systems
o Moderate alignment tolerance due to a track pitch of 1.08 mm
o Ultra low dark currents for operation to high temperature
o Low noise amplifiers with high transimpedance of typ. 4 MΩ
o Short-circuit-proof, low impedance voltage outputs for
enhanced EMI tolerance
o Low power consumption from single 5 V supply
o Operational temperature range of -40 to 125 °C
o Space saving 15-pin optoBGA package (RoHS compatible)
o Available options
- reticle assembly, code discs
- customized COB modules
APPLICATIONS
o Optical position encoding from
analog sine/cosine signals
o Incremental encoders with
interpolation
o Absolute position encoders
using nonius scales
PACKAGES
15-pin optoBGA
6.2 mm x 5.2 mm
Chip
2.88 mm x 3.37 mm
BLOCK DIAGRAM
-
+
DPC_N
PS_S
NS_S
DPC_M
DNC_M
VOLTAGE
PC_N
PS_M
NS_M
NS_N
DNS_M
DPS_S
VCC
PS_N
-
+
REFERENCE
+
DNS_N
DPC_N
DNC_N
PC_M
-
+
-
DPS_S
iC-LSHC
DPS_N
DNC_N
GND
NC_N
-
+
NC_M
PC_S
+
-
+
-
DNC_S
VREF
DNS_N
DPS_M
-
+
DNC_M
DPC_M
DNS_S
+
-
DNS_M
DNC_S
-
+
-
+
-
+
-
+
NC_S
DPS_N
DPS_M
DPC_S
DNS_S
DPC_S
Copyright © 2009 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LSHCCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHCCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
SIN/COS SIGNAL SAFETY MONITOR IC
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
10-BIT SIN/COS INTERPOLATOR
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
8-BIT SIN/COS INTERPOLATION IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
SIN/COS SIGNAL SAFETY MONITOR IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
SIN/COS SIGNAL CONDITIONER
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
16-BIT SIN/COS INTERPOLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com