Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3158FSG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3158FSG
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3158FSG Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3158FSG Datasheet HTML 1Page - Diodes Incorporated AL3158FSG Datasheet HTML 2Page - Diodes Incorporated AL3158FSG Datasheet HTML 3Page - Diodes Incorporated AL3158FSG Datasheet HTML 4Page - Diodes Incorporated AL3158FSG Datasheet HTML 5Page - Diodes Incorporated AL3158FSG Datasheet HTML 6Page - Diodes Incorporated AL3158FSG Datasheet HTML 7Page - Diodes Incorporated AL3158FSG Datasheet HTML 8Page - Diodes Incorporated AL3158FSG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AL3158
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3158
Document number: DS35047 Rev. 2 - 2
2 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin Number
Description
D8
1
Current sink input #8. Connected to VOUT when un-used.
D9
2
Current sink input #9. Connected to VOUT when un-used.
EN1
3
Enable Pin 1
EN3
4
Enable Pin 3
EN2
5
Enable Pin 2
PGND
6
Charge Pump Switch Ground
CN
7
Negative Terminal of Flying Capacitor
VIN
8
Input Power Supply. Requires 2.2µF capacitor between this pin and ground.
CP
9
Positive Terminal of Flying Capacitor
NC
10,19
No-Connect
VOUT
11
Charge pump output to drive load circuit. Requires 2.2µF capacitor between this pin
and ground.
D1
12
Current sink input #1. Connected to VOUT when un-used.
D2
13
Current sink input #2. Connected to VOUT when un-used.
D3
14
Current sink input #3. Connected to VOUT when un-used.
D4
15
Current sink input #4. Connected to VOUT when un-used.
D5
16
Current sink input #5. Connected to VOUT when un-used.
D6
18
Current sink input #6. Connected to VOUT when un-used.
GND
17
Ground
D7
20
Current sink input #7. Connected to VOUT when un-used.
GND
EP PAD
Exposed Pad (bottom). Connected to GND directly underneath the package.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com