Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3158FSG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3158FSG
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3158FSG Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3158FSG Datasheet HTML 1Page - Diodes Incorporated AL3158FSG Datasheet HTML 2Page - Diodes Incorporated AL3158FSG Datasheet HTML 3Page - Diodes Incorporated AL3158FSG Datasheet HTML 4Page - Diodes Incorporated AL3158FSG Datasheet HTML 5Page - Diodes Incorporated AL3158FSG Datasheet HTML 6Page - Diodes Incorporated AL3158FSG Datasheet HTML 7Page - Diodes Incorporated AL3158FSG Datasheet HTML 8Page - Diodes Incorporated AL3158FSG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AL3158
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3158
Document number: DS35047 Rev. 2 - 2
4 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Typical Performance Characteristics
Turn-On to 1x Mode
50us/div
Turn-On to 2x Mode
100us/div
Turn-Off from 1x Mode
200ms/div
Turn-Off from 2x Mode
200ms/div
Load Characteristics in 2x Mode
1us/div
PWM Dimming Control (Duty Cycle=50%)
10us/div
Vout
2V/div
EN1,2,3
2V/div
VIN=4.2V
TA=25°C
IL=20mA
Iin
200mA/div
Cp
2V/div
Vout
2V/div
EN1,2,3
2V/div
Iin
200mA/div
Cp
2V/div
VIN=3.0V
TA=25°C
IL=20mA
Cp
2V/div
Vout
2V/div
EN1,2,3
2V/div
Iin
200mA/div
Cp
2V/div
VIN=3.0V
TA=25°C
IL=20mA
Iin
200mA/div
VIN=4.2V
TA=25°C
IL=20mA
EN1,2,3
2V/div
Vout
2V/div
VIN=3.0V
TA=25°C
IL=20mA
Vin
200mVAC/div
Vout
200mVAC/div
Iin
100mAAC/div
Iin
100mA/div
VIN=3.6V
Freq=20kHz
Duty Cycle=50%
TA=25°C
EN
3.6V/div
Idx
50mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com