Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3158FSG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL3158FSG
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3158FSG Datasheet(HTML) 3 Page - Diodes Incorporated

  AL3158FSG Datasheet HTML 1Page - Diodes Incorporated AL3158FSG Datasheet HTML 2Page - Diodes Incorporated AL3158FSG Datasheet HTML 3Page - Diodes Incorporated AL3158FSG Datasheet HTML 4Page - Diodes Incorporated AL3158FSG Datasheet HTML 5Page - Diodes Incorporated AL3158FSG Datasheet HTML 6Page - Diodes Incorporated AL3158FSG Datasheet HTML 7Page - Diodes Incorporated AL3158FSG Datasheet HTML 8Page - Diodes Incorporated AL3158FSG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AL3158
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3158
Document number: DS35047 Rev. 2 - 2
3 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 6
V
VEN1,2,3
EN1, EN2, EN3 to GND Voltage
-0.3 to VIN +0.3
V
IOUT
Maximum DC Output Current
270
mA
TJ
Operating Junction Temperature Range
150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Notes:
2. Exceeding Absolute Maximum Ratings will cause permanent damage to the device.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
TA
Operating Ambient Temperature
-40
85
°C
Electrical Characteristics (TA = 25°C, Vin = 3.6V, CIN = COUT = 2.2µF, C1 = 1µF Unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
1x Mode, 3.0≤VIN≤5.5, Active,
No Load Current
0.3
0.6
mA
2x Mode, 3.0≤VIN≤5.5, Active,
No Load Current
2
5
ISHDN
Shutdown Current
EN1, EN2, EN3 = 0
1
µA
IDX
ISINK Current Accuracy (Note 3)
19
20
21
mA
ID-Match
Current Matching Between Any Two
Current Sink Inputs (Note 4)
VF: D1:D9 = 3.6V
1
2
%
Rout
Open Loop VOUT Resistance
1x mode
0.5
Ω
2 x mode
4.5
VTH
1x to 2x Transition Threshold at Any
ISINK Pin
IDX = 20mA
150
mV
VHS
Mode Transition Hysteresis
250
mV
TSS
Soft-Start Time
100
µs
Fsw
Switching Frequency
1.2
MHz
VEN1, 2,3 (L)
EN1,2,3 Threshold Low
VIN = 2.7V
0.4
V
VEN1,2,3(H)
EN1,2,3 Threshold High
VIN = 5.5V
1.4
V
TEN1,2,3
EN1,2,3 Off Timeout
20
ms
UVLO
VIN Under-Voltage Lockout
1.8
2
2.2
V
IEN1,2,3
EN1,2,3 Input Leakage
-1
1
µA
TSHDN
Thermal shutdown Protection
160
°C
THYS
Thermal shutdown hysteresis
10
°C
θJA
Thermal Resistance Junction-to-
Ambient
QFN3030-20 (Note 5)
52
oC/W
Notes: 3. Determined by the average current levels of all active channels.
4. Determined by the maximum sink current (MAX), the minimum sink current (MIN), and the average sink current (AVG). Two matching numbers are
calculated as (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered as the matching data.
5. Device mounted on FR-4 substrate, 2"*2", 2oz copper, double-sided PC board, with minimum recommended pad on top layer and
4 vias to bottom layer.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com