Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX613 Datasheet(PDF) 3 Page - CML Microcircuits

Part # MX613
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613 Datasheet(HTML) 3 Page - CML Microcircuits

  MX613 Datasheet HTML 1Page - CML Microcircuits MX613 Datasheet HTML 2Page - CML Microcircuits MX613 Datasheet HTML 3Page - CML Microcircuits MX613 Datasheet HTML 4Page - CML Microcircuits MX613 Datasheet HTML 5Page - CML Microcircuits MX613 Datasheet HTML 6Page - CML Microcircuits MX613 Datasheet HTML 7Page - CML Microcircuits MX613 Datasheet HTML 8Page - CML Microcircuits MX613 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
3
MX613
Preliminary Information
Application Information
Component
Value
R
1
22.0k
R
2
1.0M
C
1
0.01µF
C
2
0.1µF
C
3
1.0µF
C
4
1.0µF
C
5
33.0pF
C
6
33.0pF
X
1
3.579545MHz
Tolerances: C = ± 20% R = ± 10%
Notes
(1) The Xtal/Clock input may be driven from the host telephone
system's 3.579545MHz clock; if a Xtal drive is required, the
configuration shown in the INSET is recommended.
(2) The audio signal should be input to both Signal In and Level In
pins via separate coupling capacitors. If it is wished to operate
the device with disregard to on-chip level thresholds and
permanently enable the MX613, the Level In pin should be held
at
V
DD.
To disable the MX613 the Level In pin should be held at V
SS.
Level thresholds are preset internally.
Figure 3
-
HI/LO Decode Bands
Figure 2 - External Component Connections
0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
-50
-40
-30
-20
-10
VDD
775mVrms
Must
Decode
Frequency (Hz)
Must-Not
Decode
Low Band
(LO)
High Band
(HI)
V
DD
V
DD
V
SS
C
1
C
4
C
2
C
3
R
1
V
BIAS
1
2
3
4
5
6
7
8
14
15
16
13
12
11
10
9
MX613DW
SERIAL CLOCK INPUT
DATA OUT
LEVEL IN
SIGNAL IN
AUDIO SIGNAL
XTAL/CLOCK
V
DD
XTAL
IRQ
CHIP SELECT
C
5
C
6
R
2
X
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com