Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX613 Datasheet(PDF) 7 Page - CML Microcircuits

Part # MX613
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button MX613 Datasheet HTML 2Page - CML Microcircuits MX613 Datasheet HTML 3Page - CML Microcircuits MX613 Datasheet HTML 4Page - CML Microcircuits MX613 Datasheet HTML 5Page - CML Microcircuits MX613 Datasheet HTML 6Page - CML Microcircuits MX613 Datasheet HTML 7Page - CML Microcircuits MX613 Datasheet HTML 8Page - CML Microcircuits MX613 Datasheet HTML 9Page - CML Microcircuits MX613 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
7
MX613
Preliminary Information
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Voltage (V
DD) at 25°C
3.0
-
5.5
V
Supply Current
-
0.3
1.0
mA
Input Logic “1”
70.0
-
100
% V
DD
Input Logic “0”
0
-
30.0
% V
DD
Output Logic “1”
1
90.0
-
100
% V
DD
Output Logic “0”
1
-
-
10.0
% V
DD
Impedances
Chip Select and Serial Clock Input
10.0
-
-
M
Ω
Signal Input
-
50.0
-
k
Ω
Level Input
-
210
-
k
Ω
IRQ Output (Logic “0”)
-
-
500
Ω
Data Output (Logic “0”)
-
500
-
Ω
(Logic “1”)
-
-
2.5
k
Ω
Dynamic Values
On-Chip Xtal Oscillator
R
IN
10.0
-
-
M
Ω
R
OUT
-
230
825
k
Ω
DC Voltage Gain
25.0
42.0
-
V/V
Bandwidth at Unity Gain
5.0
11.0
-
MHz
Single Tone Operation
Must-Decode Input Level
2
-25.2
-
-
dB
Specifications
Absolute Maximum Ratings
Exceeding the maximum rating can result in device
damage. Operation of the device outside the operating
limits is not suggested.
Supply Voltage
-0.3 to 7.0V
Input Voltage at any pin
(ref V
SS=0V)
-0.3 to (V
DD+ 0.3V)
Sink/Source Current
(supply pins)
± 30mA
(other pins)
±20mA
Total Device Dissipation
(@ T
AMB=25°C)
800mW max.
Derating
10 mW/°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Operating Limits
All devices were measured under the following
conditions unless otherwise noted.
V
DD = 3.3V
T
OP = 25°C
Audio Level 0dB ref = 775 mVrms
Xtal/Clock f
0 = 3.579545 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com