Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX613 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX613
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX613 Datasheet HTML 2Page - CML Microcircuits MX613 Datasheet HTML 3Page - CML Microcircuits MX613 Datasheet HTML 4Page - CML Microcircuits MX613 Datasheet HTML 5Page - CML Microcircuits MX613 Datasheet HTML 6Page - CML Microcircuits MX613 Datasheet HTML 7Page - CML Microcircuits MX613 Datasheet HTML 8Page - CML Microcircuits MX613 Datasheet HTML 9Page - CML Microcircuits MX613 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
6
MX613
Preliminary Information
Application Information ......
Decoder Timing
Figure 4 - Data-Read Timing
Decoder Timing Characteristics
With reference to Figure 4,
Data-Read Timing.
Characteristics
Min.
Typ.
Max.
Unit
t
PWH
Serial Clock “High” Pulse Width
250
-
-
ns
t
PWL
Serial Clock “Low” Pulse Width
250
-
-
ns
t
CYC
Serial Clock-Cycle Time
600
-
-
ns
t
CSE
Chip Select Low to Clock “High” Edge
450
-
-
ns
t
CSH
Last Clock “High” Edge to CS “High”
600
-
-
ns
t
DH
Data Out Hold Time
0
-
-
ns
t
CDS
Clock Edge to Data Out Set Time
-
-
200
ns
t
IR
Interrupt (IRQ) Reset Time
-
-
200
ns
t
DE
Chip Select “Low” to Data Enable
-
-
200
ns
t
HIZ
Chip Select “High” to Output Tri-State
-
-
1000
ns
Notes
1 Data is output bit 5 first. Bit 5 can be clocked into the µProcessor by the first Serial Clock rising edge.
If 8 Serial Clock pulses are employed the last 2 data-bits will be “0” and should be ignored by the software.
2 Chip Select should be used to react to Interrupts and then returned to a logic “1”.
If Chip Select stays low there will be no further Interrupts and no Data Output update.
CHIP SELECT
SERIAL CLOCK
DATA OUT
BIT 5
BIT 4
BIT 0
TRI-STATE
t
CSE
t
DE
t
CDS
t
HIZ
t
PWL
t
PWH
t
DH
t
IR
t
CSH
t
CYC
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com