Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8000 Datasheet(PDF) 29 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 29 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 25Page - CML Microcircuits EV8000 Datasheet HTML 26Page - CML Microcircuits EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits EV8000 Datasheet HTML 32Page - CML Microcircuits EV8000 Datasheet HTML 33Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
29
UM8000/4
1.6.3.24 FX829 Bit Error Rate Testing
To allow the user to perform FX829 Bit Error Rate Testing (BERT) the EF8000 firmware contains
a BERT routine, configured by the ES8000 Windows Application software. This facility requires
two EV8000 signalling processor boards (near and far) and user input to both near and far FX829
device forms before BERT can commence.
Hardware Setup
This function enables connection to a BER Testers as follows:
µC Board J2 Pin 1 to Tester Tx Data O/P
µC Board J2 Pin 2 to Tester Tx Clock I/P
µC Board J2 Pin 3 to Tester Rx Data I/P
µC Board J2 Pin 4 to Tester Rx Clock I/P
The Tester must be able to operate from an external clock. The timings of the clocks provided
from the µC board are as follows:
1 Byte Time
1 Byte Time
Tx Clock
Rx Clock
t
A
t
B
Times tA and tB vary as the clocks are adjusted to fit the exact byte periods of the target devices.
Data is assumed to be clocked in and out of the Tester on the rising edge of either Rx or Tx clock.
The FX829 FFSK data from the transmitting signalling processor board can be directly fed from
FFSK/DTMF Out (J6 Pin 15) into noise summing circuitry, or via one of the FX829 modulator
paths. The output of the noise summing stage should be connected into DEMODIN (J6 Pin 21) of
the receiving signalling processor board.
Application Software Setup
After executing the ES8000 Windows Application software the user should open the near and far
FX829 device forms. Select FFSKTX, TXIDLEM and TXDATAM on the device form used to
control the transmit end. Other write register bits may need to be enabled if the user is not
transmitting directly from FFSK/DTMF Out (J6 Pin 15). On the device form used to control the
receive end, select FFSKRX, AMP1 and one of the required synchronisation primes.
When the near and far FX829 device forms have been configured select the BER Test command
from the Global pulldown menu. The BER Test pop-up window will now appear with a read-only
edit box providing status information on the BER Test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com