Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8000 Datasheet(PDF) 17 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 13Page - CML Microcircuits EV8000 Datasheet HTML 14Page - CML Microcircuits EV8000 Datasheet HTML 15Page - CML Microcircuits EV8000 Datasheet HTML 16Page - CML Microcircuits EV8000 Datasheet HTML 17Page - CML Microcircuits EV8000 Datasheet HTML 18Page - CML Microcircuits EV8000 Datasheet HTML 19Page - CML Microcircuits EV8000 Datasheet HTML 20Page - CML Microcircuits EV8000 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
17
UM8000/4
1.6.3.5 Near and Far ES8000 Definitions
The near EV8000 signalling processor board is connected to the
µC board via the J1 connector.
Therefore all FX8xx devices located on the near signalling processor board are considered to be
near devices and are controlled by near device forms.
The far signalling processor is created by taking a signalling processor board out of a second
EV8000 evaluation kit. It should be connected to the near signalling processor board by using
another 20-way flat cable between connector J3 on the near board and connector J1 on the far
board. Pin 1 on connector J3 should be connected to Pin 1 on connector J1. All FX8xx devices
located on the far signalling processor board are considered to be far devices and are controlled
by far device forms.
Note:
In certain parts of the ES8000 Windows Application Software the variables CBUS and CBUS2 are
used. These correspond to the near and far boards respectively.
1.6.3.6 ES8000 and EV8000 Startup Procedure
Ensure all of the hardware is connected correctly. Follow the ‘Starting the ES8000 Windows
Application Software’ instructions described earlier. When the ES8000 Windows Application
Software is executed a pop-up window asks the user to switch on the EV8000 kit. Switch on the
power supply feeding the signalling processor and
µC boards.
When power has been applied the Add Device pop-up window is opened. If the user is ready to
add a device form to the view select the device and click on OK. Click on cancel if you do not
require a device form.
Perform a General Reset when the first device form is opened, any further device forms added
will not require a General Reset unless they have been opened on the other C-BUS (near or far).
If the ES8000 Windows Application Software is executed with power already applied to the
signalling processor and
µC boards, simply press the reset switch (SW1) on the µC board. The
Add Device window should now open.
If these methods fail, shutdown the ES8000 application and turn off the power supply to the
signalling processor and
µC boards. Repeat the procedure described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com