Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV8000 Datasheet(PDF) 23 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 19Page - CML Microcircuits EV8000 Datasheet HTML 20Page - CML Microcircuits EV8000 Datasheet HTML 21Page - CML Microcircuits EV8000 Datasheet HTML 22Page - CML Microcircuits EV8000 Datasheet HTML 23Page - CML Microcircuits EV8000 Datasheet HTML 24Page - CML Microcircuits EV8000 Datasheet HTML 25Page - CML Microcircuits EV8000 Datasheet HTML 26Page - CML Microcircuits EV8000 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
23
UM8000/4
Note:
The ES8000 Windows Application Software can be used to evaluate FX828 and FX829 devices
outside their specified characteristics. Therefore, minimum and maximum device form input
values used within the application are based on the validity of the equations used to generate the
programming data and register size constraints,
ie. An 8-bit register allows an integer input of 0-255.
1.6.3.14 Writing and Reading the FX828 and FX829 device registers
When the write register of a device form has been set up, the settings can be loaded into the
appropriate device by clicking on the Update button. This will also acquire the settings of the read
registers. The read register settings will then be displayed on the device form view. To minimise
data exchange between the PC and EV8000, only modified write register settings are passed to
the
µC.
1.6.3.15 Write Register Input Controls
The device forms have been created to allow the user to quickly and easily set-up the device write
registers.
Checkboxes are used for the majority of write register input controls. Each checkbox usually
corresponds to a data bit in a write register. The write register bit is set to ‘1’ when the checkbox
is checked and set to ‘0’ when unchecked. The toggling between checked and unchecked is
achieved by clicking on the checkbox area.
Due to variations in the Windows libraries, the checkbox display on a Windows 3.11 operating
system will have a different appearance to that on Windows NT and '95. The differences in
display on the various Windows platforms are as follows:
Windows NT and '95
The checkbox will have a 3D appearance with a
(tick) indicating the checkbox is checked (Bit
set to ‘1’). The inside of the checkbox is a different colour to the form foreground colour. Note: if a
checkbox is ever disabled by the software, the inside of the checkbox will be greyed together with
the checkbox description text. Once disabled the user cannot change the state of the checkbox.
Windows 3.11
The checkbox will have a 2D appearance with a X (cross) indicating the checkbox is checked (Bit
set to ‘1’). The inside of the checkbox is the same colour as the form foreground colour. Note: if
a checkbox is ever disabled by the software, the inside of the checkbox remains the same colour
but the checkbox description text will be greyed. Once disabled, the user cannot change the state
of the checkbox.
To enter frequencies, integer values and codes, edit boxes are provided. The user should click
on an edit box and enter the required value. If the input value is outside the evaluation limits or
the format of data is invalid, an error or warning pop-up window message will be encountered
when the Update button is clicked.
To select from a list of settings, dropdown lists (combo boxes) and vertically scrolled multiline edit
boxes are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com