Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated AP7361 Datasheet HTML 10Page - Diodes Incorporated AP7361 Datasheet HTML 11Page - Diodes Incorporated AP7361 Datasheet HTML 12Page - Diodes Incorporated AP7361 Datasheet HTML 13Page - Diodes Incorporated AP7361 Datasheet HTML 14Page - Diodes Incorporated AP7361 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
11 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Application Information (Continued)
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and
clamp the output current to prevent over-current and to
protect the regulator from damage due to overheating.
Short Circuit Protection
When OUT pin is short-circuit to GND, short circuit
protection will be triggered and clamp the output current to
approximately 200mA. Full current is restored when the
output voltage exceeds 25% of Vout. This feature protects
the regulator from over-current and damage due to
overheating.
Thermal Shutdown Protection
Thermal protection disables the output when the junction
temperature rises to approximately +150°C, allowing the
device to cool down. When the junction temperature
reduces to approximately +130°C the output circuitry is
enabled again. Depending on power dissipation, thermal
resistance,
and
ambient
temperature,
the
thermal
protection circuit may cycle on and off. This cycling limits
the heat dissipation of the regulator, protecting it from
damage due to overheating.
Ultra Fast Start-up
After enabled, the AP7361 is able to provide full power in
as little as tens of microseconds, typically 200µs, without
sacrificing low ground current. This feature will help load
circuitry move in and out of standby mode in real time,
eventually extend battery life for mobile phones and other
portable devices.
Low Quiescent Current
The AP7361, consuming only around 70µA for all input
range, provides great power saving in portable and low
power applications.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensure reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated
by:
PD = (VIN - VOUT) X IOUT
The maximum power dissipation, handled by the device,
depends on the maximum junction to ambient thermal
resistance,
maximum
ambient
temperature,
and
maximum device junction temperature, which can be
calculated by the equation in the following:
JA
R
)
A
T
-
C
150
(
)
A
T
(max@
D
P
θ
°
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com