Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7361
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7361 Datasheet HTML 7Page - Diodes Incorporated AP7361 Datasheet HTML 8Page - Diodes Incorporated AP7361 Datasheet HTML 9Page - Diodes Incorporated AP7361 Datasheet HTML 10Page - Diodes Incorporated AP7361 Datasheet HTML 11Page - Diodes Incorporated AP7361 Datasheet HTML 12Page - Diodes Incorporated AP7361 Datasheet HTML 13Page - Diodes Incorporated AP7361 Datasheet HTML 14Page - Diodes Incorporated AP7361 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE
REGULATOR WITH ENABLE
AP7361
Document number: DS33626 Rev. 1 - 2
13 of 15
www.diodes.com
December 2010
© Diodes Incorporated
Marking Information
(1) DFN3030E-8
XX : Identification Code
( Top View )
X : A~Z : Internal code
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7361ADJ
DFN3030E-8
PA
AP7361-10
DFN3030E-8
PB
AP7361-12
DFN3030E-8
PC
AP7361-15
DFN3030E-8
PD
AP7361-18
DFN3030E-8
PE
AP7361-25
DFN3030E-8
PF
AP7361-28
DFN3030E-8
PG
AP7361-33
DFN3030E-8
PH
Package Outline Dimensions
(1) Package Type: DFN3030E-8
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.95/3.05
(Pin #1 ID)
A
B
0.10
CA B
2X-
0.25 B
TOP MARK
0.65Typ. 0.20/0.30
8x-0.30
0.65
Land Pattern Recommendation
(Unit: mm)
Top View
8X-
R0.2
0
2.35
C
L
C
L
C
L
C
L
Pin #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com