Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX489P Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX489P
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX489P Datasheet(HTML) 4 Page - CML Microcircuits

  FX489P Datasheet HTML 1Page - CML Microcircuits FX489P Datasheet HTML 2Page - CML Microcircuits FX489P Datasheet HTML 3Page - CML Microcircuits FX489P Datasheet HTML 4Page - CML Microcircuits FX489P Datasheet HTML 5Page - CML Microcircuits FX489P Datasheet HTML 6Page - CML Microcircuits FX489P Datasheet HTML 7Page - CML Microcircuits FX489P Datasheet HTML 8Page - CML Microcircuits FX489P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Application Information
XTAL
XTAL/CLOCK
ClkDivA
ClkDivB
RxDCacq
PLLacq
Doc1
Doc2
BT
Tx OUT
Tx ENABLE
Tx PS
Tx DATA
Rx DATA
Rx CLOCK
Tx CLOCK
Rx S/N
V
DD
V
DD
R 3
R 1
R 4
C 6
C 5
C 8
C 7
C 1
C 4
V
SS
V
BIAS
V SS
V SS
Rx PS
Rx FEEDBACK
Rx SIGNAL IN
Rx HOLD
XTAL
XTAL/CLOCK
1
2
V
SS
C 3
C 2
X 1
R 2
1
2
3
4
5
6
7
8
9
10
11
12
FX489P
24
23
22
21
20
19
18
17
16
15
14
13
C
4
100nF
±20%
C
5
1.0µF
±20%
C
6
22.0pF
±20%
C
7
15.0nF
±20%
C
8
15.0nF
±20%
X
1
Note 3
External Components
Component
Value
Tolerance
R
1
Note 1
±5%
R
2
1.0M
Ω
±10%
R
3
Note 2
±10%
R
4
100k
Ω
±10%
C
1
Note 1
±10%
C
2
33.0pF
±20%
C
3
33.0pF
±20%
Fig.2 External Components
Notes
1. The RC network formed by R
1 and C1
is required
between the Tx Out pin and the input to the modulator.
This network, which can form part of any d.c. level
shifting and gain adjustment circuitry, forms an
important part of the transmit signal filtering. The ground
connection to the capacitor C
1 should be positioned to
give maximum attenuation of high-frequency noise into
the modulator.
The component values should be chosen so that the
product of the resistance (Ohms) and the capacitance
(Farads) is:
BT of 0.3 = 0.34/bit rate (bits/second)
BT of 0.5 = 0.22/bit rate (bits/second)
- with suitable values for common bit rates being:
R
1
C
1
8000 bits/sec
BT = 0.3
91.0k
Ω
470pF
4800 bits/sec
BT = 0.5
100k
Ω
470pF
9600 bits/sec
BT = 0.5
47.0k
Ω
470pF
NOTE that in all cases, the value of R
1 should be not
less than 47.0k
Ω and the calculated value of C
1 includes
calculated parasitic (circuit) capacitances.
2. R
3, R4 and C6 form the gain components for the Rx Input
signal.
R
3 should be chosen as required by the signal input
level.
3. The FX489 can operate correctly with Xtal/Clock
frequencies as detailed in Table 1.
Operation of this device without a Xtal or Clock input
may cause device damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com