Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX489P Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX489P
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX489P Datasheet(HTML) 2 Page - CML Microcircuits

  FX489P Datasheet HTML 1Page - CML Microcircuits FX489P Datasheet HTML 2Page - CML Microcircuits FX489P Datasheet HTML 3Page - CML Microcircuits FX489P Datasheet HTML 4Page - CML Microcircuits FX489P Datasheet HTML 5Page - CML Microcircuits FX489P Datasheet HTML 6Page - CML Microcircuits FX489P Datasheet HTML 7Page - CML Microcircuits FX489P Datasheet HTML 8Page - CML Microcircuits FX489P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Pin Number
Function
Xtal: The output of the on-chip clock oscillator.
Xtal/Clock: The input to the on-chip Xtal oscillator. A Xtal, or externally derived clock (f
XTAL) pulse
input should be connected here. If an externally generated clock is to be used, it should be
connected to this pin and the “Xtal” pin left unconnected. Note that operation of the FX489 without
a suitable Xtal or clock input may cause device damage.
ClkDivA:
Two logic level inputs that control the internal clock divider and hence the transmit and
receive data rate. See Table 1.
ClkDivB:
Rx Hold: A logic “0” applied to this input will ‘freeze’ the Clock Extraction and Level Measurement
circuits unless they are in ‘acquire’ mode.
RXDCacq: A logic “1” applied to this input will set the Rx Level Measurement circuitry to the
‘acquire’ mode.
PLLacq: A logic “1” applied to this input will set the Rx Clock Extraction circuitry to ‘acquire’ mode
(see Table 2).
Rx PS: A logic “1” applied to this input will powersave all receive circuits except for “Rx Clock ”
output (which will continue at the set bit-rate) and cause the “Rx Data” and “Rx S/N” outputs to go
to a logic “0”.
V
BIAS: The internal circuitry bias line, held at VDD/2, this pin must be decoupled to VSS by a
capacitor mounted close to the pin.
Rx Feedback: The output of the Rx Input Amplifier/The input to the Rx Filter.
Rx Signal In: The input to Rx input amplifier.
V
SS: Negative supply rail. Signal ground.
FX489DW
FX489P
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com