Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX489P Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX489P
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX489P Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX489P Datasheet HTML 4Page - CML Microcircuits FX489P Datasheet HTML 5Page - CML Microcircuits FX489P Datasheet HTML 6Page - CML Microcircuits FX489P Datasheet HTML 7Page - CML Microcircuits FX489P Datasheet HTML 8Page - CML Microcircuits FX489P Datasheet HTML 9Page - CML Microcircuits FX489P Datasheet HTML 10Page - CML Microcircuits FX489P Datasheet HTML 11Page - CML Microcircuits FX489P Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is
not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS
= 0V)
-0.3 to (V
DD
+ 0.3V)
Sink/source current (supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation @ T
AMB
25°C
800mW Max.
Derating
10mW/°C
Operating temperature range:
FX489DW/P
-40°C to +85°C
Storage temperature range:
FX489DW/P
-40°C to +85°C
Operating Limits
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD
= 5.0V, T
AMB
= 25°C. Xtal/Clock Frequency = 4.096MHz. Data Rate = 8000 bits/sec.
Noise Bandwidth = Bit Rate
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Voltage (V
DD)
4.5
5.0
5.5
V
Supply Current
Tx PS Rx PS
1
1
1
-
1.0
-
mA
0
1
-
3.0
-
mA
1
0
-
4.0
-
mA
0
0
-
7.0
-
mA
Input Logic Levels
Logic “1”
3.5
-
-
V
Logic “0”
-
-
1.5
V
Logic Input Current
2
-5.0
-
5.0
µA
Logic “1”Output Level at IOH = -120µA
4.6
-
-
V
Logic “0”Output Level at IOL = 120µA
-
-
0.4
V
Rx, Tx Data Rate
4000
19200
bits/sec
Transmit Parameters
Tx OUT, Output Impedance
3
-
1.0
-
k
Ω
Tx OUT, Level
4
0.8
1.0
1.2
V p-p
Tx Data Delay (BT = 0.3)
5
-
2.0
2.5
bit-periods
(BT = 0.5)
5
-
1.5
2.0
bit-periods
Tx PS to Output-Stable Time
6
-
4.0
-
bit-periods
Receive Parameters
Rx Amplifier -
Input Impedance
1.0
-
-
M
Ω
Output Impedance
7
-
10.0
-
k
Ω
Voltage Gain
-
50.0
-
dB
Rx Filter Signal Input Level
8
0.7
1.0
1.3
V p-p
Rx Time Delay
9
-
-
3.0
bit-periods
On-Chip Xtal Oscillator
R
IN
10.0
-
-
M
Ω
R
OUT
5.0
-
15.0
k
Ω
Voltage Gain
-
15.0
-
dB
Xtal/Clock Frequency
1.0
–
5.0
MHz
“High” Pulse Width
10
80.0
-
-
ns
“Low” Pulse Width
10
80.0
-
-
ns
Notes
1. Not including current drawn from the FX489 pins by external circuitry. See Absolute Maximum Ratings.
2. For V
IN in the range VSS to VDD.
3
For a load of 10k
Ω or greater. Tx PS input at logic “0”; Tx Enable = “1”.
4. Data pattern of “1111000011110000 ..”
5. Measured between the rising edge of ‘Tx Clock’ and the centre of the corresponding bit at ‘Tx Out.’
6. Time between the falling edge of ‘Tx PS’ and the ‘Tx Out’ voltage stabilising to normal output levels.
7. For a load of 10k
Ω or greater. Rx PS input at logic “0”.
8. For optimum performance, measured at the ‘Rx Feedback’ pin for a “1111000011110000 ...” pattern.
9. Measured between the centre of bit at ‘Rx Signal In’ and corresponding rising edge of the ‘Rx Clock’.
10. Timing for an external clock input to the Xtal/Clock pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com