Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX602P3 Datasheet(PDF) 26 Page - CML Microcircuits

Part # FX602P3
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Datasheet(HTML) 26 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 21Page - CML Microcircuits FX602P3 Datasheet HTML 22Page - CML Microcircuits FX602P3 Datasheet HTML 23Page - CML Microcircuits FX602P3 Datasheet HTML 24Page - CML Microcircuits FX602P3 Datasheet HTML 25Page - CML Microcircuits FX602P3 Datasheet HTML 26Page - CML Microcircuits FX602P3 Datasheet HTML 27Page - CML Microcircuits FX602P3 Datasheet HTML 28Page - CML Microcircuits FX602P3 Datasheet HTML 29Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
26
D/602/7
Notes
Min.
Typ.
Max.
Units
FSK Receiver
Transmission rate
1188
1200
1212
Baud
V23 Mark (logical 1) frequency
1280
1300
1320
Hz
V23 Space (logical 0) frequency
2068
2100
2132
Hz
Bell202 Mark (logical 1) frequency
1188
1200
1212
Hz
Bell202 Space (logical 0) frequency
2178
2200
2222
Hz
Valid input level range
4
-40.0
-8.0
dBV
Acceptable twist (mark level wrt space level)
V23
-7.0
+7.0
dB
Bell202
-10.0
+10.0
dB
Acceptable Signal to Noise ratio
V23
5
20.0
dB
Bell202
5
30.0
dB
Level Detector 'on' threshold level
4
-40.0
dBV
Level Detector 'off' to 'on' time (Fig 4 Teon)
25.0
msec
Level Detector 'on' to 'off' time (Fig 4 Teoff)
8.0
msec
Input Signal Amplifier
Input impedance
7
10.0
M
Ω
Voltage gain
500
V/V
XTAL Input
'High' pulse width
8
100
ns
'Low' pulse width
8
100
ns
Notes:
1.
At 25
°C, not including any current drawn from the FX602 pins by external circuitry other than
X1, C1 and C2.
2.
RD, MODE, RXCK inputs at VSS, ZP input at VDD. See also Figure 11.
3.
All conditions must be met to ensure detection.
4.
For VDD= 5.0V with equal level tones and with the input signal amplifier external components
as section 1.4. The internal threshold levels are proportional to VDD. To cater for other supply
voltages or different signal level ranges the voltage gain of the input signal amplifier should be
adjusted by selecting the appropriate external components as described in section 1.5
5.
Flat noise in 300-3400Hz band for V23, 200 - 3200Hz for Bell202.
6.
Meeting any of these conditions will ensure non-detection.
7.
Open loop, small signal low frequency measurements.
8.
Timing for an external input to the CLOCK/XTAL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com