Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX602P3 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX602P3
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 2Page - CML Microcircuits FX602P3 Datasheet HTML 3Page - CML Microcircuits FX602P3 Datasheet HTML 4Page - CML Microcircuits FX602P3 Datasheet HTML 5Page - CML Microcircuits FX602P3 Datasheet HTML 6Page - CML Microcircuits FX602P3 Datasheet HTML 7Page - CML Microcircuits FX602P3 Datasheet HTML 8Page - CML Microcircuits FX602P3 Datasheet HTML 9Page - CML Microcircuits FX602P3 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
6
D/602/7
1.4
External Components
R1
470k
Ω
R2
See section 1.5.8
C1, C2
18pF
R3, R4, R5
470k
Ω
C3, C4
0.1
µF
R6, R7
470k
Ω
C5
0.33
µF
R8
470k
Ω for VDD = 3.3V
680k
Ω for VDD = 5.0V
(See section 1.5.2)
C6, C7
C8,C9
680pF
0.1
µF
R9
240k
Ω for VDD = 3.3V
200k
Ω for VDD = 5.0V
(See section 1.5.2)
R10
160k
Ω
X1
3.579545MHz
R11
100k
Ω ±20%
D1 - D4
1N4004
Resistors
±1%, capacitors ±20% unless otherwise stated.
Figure 2 Recommended External Components for Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com