Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX602P3 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX602P3
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 16Page - CML Microcircuits FX602P3 Datasheet HTML 17Page - CML Microcircuits FX602P3 Datasheet HTML 18Page - CML Microcircuits FX602P3 Datasheet HTML 19Page - CML Microcircuits FX602P3 Datasheet HTML 20Page - CML Microcircuits FX602P3 Datasheet HTML 21Page - CML Microcircuits FX602P3 Datasheet HTML 22Page - CML Microcircuits FX602P3 Datasheet HTML 23Page - CML Microcircuits FX602P3 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
20
D/602/7
Notes:
1
When the FX602 is in Tone Alert Detect mode, the IRQN output will go low on the first high to low
transition of the DET output and will remain low until the FX602 is switched to FSK or Zero Power
mode. Accordingly the IRQN output should be ignored when looking for a CAS signal.
2.
The task of monitoring the FX602's DET output during the CONFIRM_QUIET state may be eased by
noting that in FSK Receive mode any high pulses on the DET output will last for at least 8ms (or until
the mode is changed) so the signal need only be monitored more frequently than once every 8ms.
3.
The actual duration of the '50ms' monitoring period is not critical but should be at least 30ms to allow
time for the FSK level detector to respond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com