Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX643P1 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX643P1
Description  Call Progress Tone Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX643P1 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX643P1 Datasheet HTML 4Page - CML Microcircuits FX643P1 Datasheet HTML 5Page - CML Microcircuits FX643P1 Datasheet HTML 6Page - CML Microcircuits FX643P1 Datasheet HTML 7Page - CML Microcircuits FX643P1 Datasheet HTML 8Page - CML Microcircuits FX643P1 Datasheet HTML 9Page - CML Microcircuits FX643P1 Datasheet HTML 10Page - CML Microcircuits FX643P1 Datasheet HTML 11Page - CML Microcircuits FX643P1 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Call Progress Tone Detector
FX643
© 1996 Consumer Microcircuits Limited
8
D/643/4
1.5.4
Decode Output Truth Table
DETECT3
DETECT2
DETECT1
CONDITIONS
0
0
0
No Signal
1
0
0
Special Information Tone:
Will detect 950, 1400 and 1800Hz tones
0
0
1
Call Progress Low Band:
Will detect 350+440, 400+450 and 440+480Hz tones,
for example
1
0
1
Call Progress Low Band:
Will detect single 400, 425, 440, and 450Hz tones,
for example
0
1
1
Call Progress High Band:
Will detect 480+620Hz tones, for example
1
1
1
Call Progress High Band:
Will detect single 600 and 620Hz tones, for example
0
1
0
Non Call Progress signal, e.g. Voice Activity
1
1
0
Will detect a single tone lying outside the
Call Progress Band and within the Non Call
Progress signal range
Note that: DETECT1 responds to the whole range of call progress signals from 340Hz to 650Hz
DETECT2 responds to higher frequency call progress signals and voice or similar activity
DETECT3 responds to and indicates the presence of a single tone
1.6
Application Notes
1.6.1
General
On power-up, a logic "0" at the ENABLE input may be used to disable and initialise the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com