Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX643P1 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX643P1
Description  Call Progress Tone Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX643P1 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX643P1 Datasheet HTML 6Page - CML Microcircuits FX643P1 Datasheet HTML 7Page - CML Microcircuits FX643P1 Datasheet HTML 8Page - CML Microcircuits FX643P1 Datasheet HTML 9Page - CML Microcircuits FX643P1 Datasheet HTML 10Page - CML Microcircuits FX643P1 Datasheet HTML 11Page - CML Microcircuits FX643P1 Datasheet HTML 12Page - CML Microcircuits FX643P1 Datasheet HTML 13Page - CML Microcircuits FX643P1 Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Call Progress Tone Detector
FX643
© 1996 Consumer Microcircuits Limited
10
D/643/4
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, S/N = 16 dB, Noise Bandwidth = 5 kHz,
VDD = 3.3V to 5.0V, Tamb = - 40°C to +85°C. 0dB = 775mVrms.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (ENABLE = "1")
(VDD = 5.0V)
1
0.5
1.0
mA
IDD (ENABLE = "1")
(VDD = 3.3V)
1
0.3
0.7
mA
AC Parameters
SIGIN pin
Input Impedance (at 100Hz)
2
0.35
M
Ω
Minimum Input Signal Level
3
-40
dB
Input Signal Dynamic Range
3
40
dB
Signal to Noise Ratio
16
dB
Clock Input
'High' Pulse Width
4
40
ns
'Low' Pulse Width
4
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (I/P = 1mV rms at 100Hz)
20
dB
Logic Interface
Input Logic "1" Level
5
80%
VDD
Input Logic "0" Level
5
20%
VDD
Input Leakage Current (Vin = 0 to VDD)
5
5.0
+5.0
µA
Input Capacitance
5
10.0
pF
Output Logic "1" Level (lOH = 120µA)
6
90%
VDD
Output Logic "0" Level (lOL = 360µA)
6
10%
VDD
Notes:
1.
Not including any current drawn from the device pins by external circuitry.
2.
Small signal impedance over the frequency range 100Hz to 2000Hz and at 5.0V.
3.
The input level is not critical as the detector uses a stochastic algorithm.
4.
Timing for an external input to the XTAL/CLOCK pin.
5.
ENABLE pin.
6.
DETECT1, DETECT2 and DETECT3 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com