Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX643P1 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX643P1
Description  Call Progress Tone Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX643P1 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX643P1 Datasheet HTML 6Page - CML Microcircuits FX643P1 Datasheet HTML 7Page - CML Microcircuits FX643P1 Datasheet HTML 8Page - CML Microcircuits FX643P1 Datasheet HTML 9Page - CML Microcircuits FX643P1 Datasheet HTML 10Page - CML Microcircuits FX643P1 Datasheet HTML 11Page - CML Microcircuits FX643P1 Datasheet HTML 12Page - CML Microcircuits FX643P1 Datasheet HTML 13Page - CML Microcircuits FX643P1 Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Call Progress Tone Detector
FX643
© 1996 Consumer Microcircuits Limited
13
D/643/4
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, VDD = 3.3V to 5.0V, Tamb = - 40°C to +85°C, S/N = 20dB.
Notes
Min.
Typ.
Max.
Units
Signal Timings (ref. Figures 3, 4, 5 and 6)
tI
Burst Length Ignored
10
70
ms
tL
Burst Length Detected
10
145
ms
tGI
Call Progress Tone Gap Length Ignored
7,10,11
20
ms
tGD
Call Progress Tone Gap Length Detected
7,10
40
ms
tRP
Call Progress Tone Response Time
10
145
ms
tDRP
Call Progress Tone De-response Time
10
145
ms
tGDR
Gap Detected Recorded
8,10
6
ms
tNG
Non Call Progress Signal Gap Length Ignored
9
80
ms
tNRP
Non Call Progress Signal Response Time
145
ms
tNDRP
Non Call Progress signal De-response Time
80
ms
tCH
State Change
0
ms
Notes:
7.
Only applies to bursts of the same frequency.
8.
To acknowledge a short tone gap
≥ 40 ms, No Signal is indicated for a minimum of 6ms.
9.
If the gap > 90 ms, a No Signal state will be decoded.
10. Timings also apply to Special Information Tone.
11. Special Information Tone Gap Length Ignored is 15ms maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com