Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX643D4 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX643D4
Description  Call Progress Tone Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX643D4 Datasheet(HTML) 1 Page - CML Microcircuits

  FX643D4 Datasheet HTML 1Page - CML Microcircuits FX643D4 Datasheet HTML 2Page - CML Microcircuits FX643D4 Datasheet HTML 3Page - CML Microcircuits FX643D4 Datasheet HTML 4Page - CML Microcircuits FX643D4 Datasheet HTML 5Page - CML Microcircuits FX643D4 Datasheet HTML 6Page - CML Microcircuits FX643D4 Datasheet HTML 7Page - CML Microcircuits FX643D4 Datasheet HTML 8Page - CML Microcircuits FX643D4 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CML Semiconductor Products
Call Progress Tone Detector
FX643
© 1996 Consumer Microcircuits Limited
D/643/4 March 1996
1.0
Features
Provisional Issue
•• Worldwide Application
•• Voice Detected
•• Single Tone Decoding
•• Wide Dynamic Signal Range
•• Dual Tone Decoding
•• Low Working Voltage
•• US-Busy Tones Identified
•• Standard 3.58MHz Clock Input
•• Special Information Tones Identified •• Standard 8-pin DIP and 16-pin
SOIC Packages
1.1
Brief Description
The FX643 decodes the audible tone signals provided by Telecom Systems Worldwide to indicate
Dial, Ringing, Busy, Unobtainable and other stages of a call attempt. Detection of these signals is
essential to applications involving machine dialling or automatic call placement. The FX643 provides
the key features needed for intelligent full-function Call Progress monitoring.
In addition to detecting the full range of standard Call Progress tones, the FX643 adds single and dual
tone decoding for better cross-system Call Progress monitoring. The FX643 also directly identifies the
"US Busy" tones, and the international Special Information Tones, saving the time needed for
"cadence verification" under Busy and Unobtainable conditions. The FX643 will also decode and
indicate speech, or other Non-Call Progress signals: this reduces voice-falsing of Call Progress tones
and adds Voice-Answer as a "connected" prompt.
The FX643 uses new digital signal processing techniques to provide these advantages. It is a low
cost, low power product with superior performance. It is available in industry standard
8-pin and 16-pin packages.


Similar Part No. - FX643D4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-100P-0.8SV HIROSE-FX6-100P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV1 HIROSE-FX6-100P-0.8SV1 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV2 HIROSE-FX6-100P-0.8SV2 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100S-0.8SV HIROSE-FX6-100S-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
More results

Similar Description - FX643D4

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
MX623 ETC-MX623 Datasheet
59Kb / 6P
Line-Powered Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com