Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663P3 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX663P3
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663P3 Datasheet(HTML) 5 Page - CML Microcircuits

  FX663P3 Datasheet HTML 1Page - CML Microcircuits FX663P3 Datasheet HTML 2Page - CML Microcircuits FX663P3 Datasheet HTML 3Page - CML Microcircuits FX663P3 Datasheet HTML 4Page - CML Microcircuits FX663P3 Datasheet HTML 5Page - CML Microcircuits FX663P3 Datasheet HTML 6Page - CML Microcircuits FX663P3 Datasheet HTML 7Page - CML Microcircuits FX663P3 Datasheet HTML 8Page - CML Microcircuits FX663P3 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 1999 Consumer Microcircuits Limited
5
D/663/3
1.3
Signal List (continued)
Package
D4/P3
Signal
Description
Pin No.
Name
Type
10
Vss
Power
The negative supply rail (ground).
11
SIGIN
I/P
Signal input. The signal to this pin should be ac
coupled. The dc bias of this pin is set internally.
12
VBIAS
O/P
Internally generated bias voltage, held at VDD /2
when the device is not in powersave mode. It
should be decoupled to Vss by a capacitor
mounted close to the device pins. In powersave
mode this pin is pulled towards VSS.
13
AMPNINV
I/P
The non-inverting input to the on-chip amplifier.
14
AMPINV
I/P
The inverting input to the on-chip amplifier.
15
AMPOP
O/P
The output of the on-chip amplifier, this is
internally connected to the input of the Level
Detector.
16
VDD
Power
The positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to VSS by a capacitor.
Notes: I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com