Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663P3 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX663P3
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663P3 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX663P3 Datasheet HTML 2Page - CML Microcircuits FX663P3 Datasheet HTML 3Page - CML Microcircuits FX663P3 Datasheet HTML 4Page - CML Microcircuits FX663P3 Datasheet HTML 5Page - CML Microcircuits FX663P3 Datasheet HTML 6Page - CML Microcircuits FX663P3 Datasheet HTML 7Page - CML Microcircuits FX663P3 Datasheet HTML 8Page - CML Microcircuits FX663P3 Datasheet HTML 9Page - CML Microcircuits FX663P3 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 1999 Consumer Microcircuits Limited
6
D/663/3
1.4
External Components
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
XTAL
XTALN
VDD
IRQN
CSN
D3
D1
D2
D0
AMPOP
AMPINV
AMPNINV
VBIAS
SIGIN
ENABLE
X1
R1
R2
R3
C1
C2
C6
C3
C4
C5
C7
VDD
VSS
VSS
VSS
VDD
VSS
VSS
FX663
C1
33pF
±20%
R1
100k
W
±10%
C2
33pF
±20%
R2
510k
W
±10%
C3
0.1µF
±20%
R3
20k
W
±10%
C4
0.1µF
±20%
C5
100pF
±20%
X1
3.579545MHz
±100ppm
C6
1.0µF
±20%
C7
1µF
±20%
Figure 2 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com