Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663P3 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX663P3
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663P3 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX663P3 Datasheet HTML 8Page - CML Microcircuits FX663P3 Datasheet HTML 9Page - CML Microcircuits FX663P3 Datasheet HTML 10Page - CML Microcircuits FX663P3 Datasheet HTML 11Page - CML Microcircuits FX663P3 Datasheet HTML 12Page - CML Microcircuits FX663P3 Datasheet HTML 13Page - CML Microcircuits FX663P3 Datasheet HTML 14Page - CML Microcircuits FX663P3 Datasheet HTML 15Page - CML Microcircuits FX663P3 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
© 1999 Consumer Microcircuits Limited
12
D/663/3
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz
VDD = 3.3V to 5.0V, Tamb = - 40°C to +85°C.
0dB = 775 mVrms, S/N = 20dB
Noise Bandwidth = 5kHz Band Limited Gaussian
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (all powersaved)
1, 2
-
30
-
µA
IDD at VDD = 3.3V
1
-
0.5
1
mA
IDD at VDD = 5.0V
1
-
1.0
2
mA
Logic Interface
Input Logic '1'
70%
-
-
VDD
Input Logic '0'
-
-
30%
VDD
Input Leakage Current (Logic '1' or '0')
-1.0
-
1.0
µA
Input Capacitance
-
-
7.5
pF
Output Logic '1' (IOH = 120µA)
90%
-
-
VDD
Output Logic '0' (IOL = 360µA)
-
-
10%
VDD
'Off' State Leakage Current
3
-
-
10.0
µA
AC Parameters
SIGIN Pin
Input Impedance
4
-
0.35
-
M
Ω
Minimum Input Signal Level
-
-40.0
-
dB
Input Signal Dynamic Range
40.0
-
-
dB
Level Detector
Detection Signal Level
(measured at AMPOP pin)
5
-
-19.0
-
dB
OPAMP
Input Impedance
6
10.0
-
-
M
Ω
Voltage gain
-
500
-
V/V
Xtal/Clock Input
Pulse Width ('High' or 'Low')
7
40.0
-
-
ns
Input Impedance (at 100Hz)
10.0
-
-
M
Ω
Gain (I/P = 1mV rms at 1kHz)
20.0
-
-
dB
Notes:
1.
Not including any current drawn from the device pins by external circuitry.
2.
Enable input at VSS, CSN input at VDD.
3.
IRQN pin, D0 to D3 pins.
4.
Small signal impedance over the frequency range 100Hz to 2300Hz and at 5.0V.
5.
Input signal level is multiplied by the voltage gain (-R2/R1). The overall signal should be
larger than 250mVp-p, at VDD = 5.0V, scale signal for different VDD.
6.
Open loop, small signal low frequency measurements.
7.
Timing for an external input to the XTAL/CLOCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com