Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX802
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802 Datasheet(HTML) 4 Page - CML Microcircuits

  FX802 Datasheet HTML 1Page - CML Microcircuits FX802 Datasheet HTML 2Page - CML Microcircuits FX802 Datasheet HTML 3Page - CML Microcircuits FX802 Datasheet HTML 4Page - CML Microcircuits FX802 Datasheet HTML 5Page - CML Microcircuits FX802 Datasheet HTML 6Page - CML Microcircuits FX802 Datasheet HTML 7Page - CML Microcircuits FX802 Datasheet HTML 8Page - CML Microcircuits FX802 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
V
BIAS
XTAL/CLOCK
V
DD
V
DD
SERIAL CLOCK
COMMAND DATA
V
SS
REPLY DATA
AUDIO OUT
AUDIO IN
V
SS
A9
A8
A7
A6
A5
A4
A3/ECK
A2/DCK
A1/DEI
A0/ENO
4 x 1Mbit
DRAM
C
1
5
4
C 2
C 3
R
2
X
1
XTAL/CLOCK
V
SS
INSET
See INSET
C
4
C
5
V
SS
§
FX802J
R
1
C S
R A S 4
XTAL
FX802J
13
14
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
25
26
27
28
§
§
§
§
C
6
R
3
D
RAS
CAS
WE
A0 – A9
Q
RAS
CAS
WE
A0 – A9
D
Q
WE
A0 – A9
D
Q
CAS
RAS
XTAL
R A S 2
R A S 1
W E
IRQ
C A S
R A S 3
A0 – A9
D
Q
CAS
WE
RAS
External Components
Component
Value
R
1
=
22.0k
Ω
R
2
1.0M
Ω
R
3
1.0k
Ω
C
1
1.0
µF
C
2
33.0pF
C
3
33.0pF
C
4
=
1.0
µF
C
5
1.0
µF
C
6
1.0nF
X
1
4.00MHz
or
4.032MHz
or
4.096MHz
Tolerance: R =
±10% C = ±20%
Fig.2 Recommended Component and DRAM Connections
Notes
1. Xtal circuitry shown INSET is in accordance with CML
Application Note D/XT/2 December 1991.
2. External Xtal circuitry is not applicable to the 24-pin/lead
versions of this device, only a clock pulse input can be
used.
3. Functions whose pins are marked § above are not
available on the 24-pin/lead versions of this device. Pin
numbers illustrated are for 28-pin versions.
4. Table 3 details the actual encoder/decoder sample rates
available using the Xtal frequencies recommended above.
5. R
1 is used as the DBS 800 system common-pullup for the
“C-BUS” Interrupt Request (IRQ) line, the optimum value
will depend upon the circuitry connected to the IRQ line.
Up to 8 peripherals may be connected to this line.
6. Recommended DRAM Parameters:
256kbit x 1 or 1Mbit x 1 Dynamic Random Access Memory
with ‘CAS before RAS’ refresh mode, maximum Row
Address Access time = 200nsec.
Example DRAM types:
256kbit (262,144bits)
Texas Instruments
TMS4256–20
Hitachi
HM51256–15
1Mbit (1,048,576bits)
Texas Instruments
TMX4C1024–15
Hitachi
HM511000–15
7. Figure 2 (above) shows connections to 4 x 1Mbit sections
of DRAM. If desired, to simplify PCB layout, the DRAM
inputs A0 to A8 may be connected in any order to the
FX802 DVSR Codec output pins A0 to A8. Connections to
256kbit DRAM are similar, but A9 unconnected.
8. When using the FX802 “stand-alone (Direct Access),” no
DRAM should be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com