Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX802
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX802 Datasheet HTML 6Page - CML Microcircuits FX802 Datasheet HTML 7Page - CML Microcircuits FX802 Datasheet HTML 8Page - CML Microcircuits FX802 Datasheet HTML 9Page - CML Microcircuits FX802 Datasheet HTML 10Page - CML Microcircuits FX802 Datasheet HTML 11Page - CML Microcircuits FX802 Datasheet HTML 12Page - CML Microcircuits FX802 Datasheet HTML 13Page - CML Microcircuits FX802 Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS = 0V)
-0.3 to (V
DD + 0.3V)
Sink/source current
(supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation @ T
AMB 25°C
800mW Max.
Derating
10mW/
°C
Operating temperature range:
FX802J
-40
°C to +85°C (cerdip)
FX802LG/LS
-40
°C to +85°C (plastic)
Storage temperature range:
FX802J
-55
°C to +125°C (cerdip)
FX802LG/LS
-40
°C to +85°C (plastic)
Operating Limits
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD = 5.0V. TAMB = 25°C.
Xtal/Clock f
0 = 4.0MHz.
Standard Test Signal f
o = 1.0kHz. Sample Rate = 31.25kbits/s
Audio Level 0dB ref: = 308mVrms .
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Voltage (V
DD)
4.5
5.0
5.5
V
Supply Current (enabled)
1
–
7.0
–
mA
Supply Current (all powersaved)
1
–
1.0
–
mA
Digital Interface
Input Logic “1”
2, 4
3.5
–
–
V
Input Logic “0”
2, 4
–
–
1.5
V
Output Logic “1”
at IOH = -120
µA
8, 4
4.6
–
–
V
at IOH = -50
µA
3, 4
4.6
–
–
V
at IOH = 20
µA
4, 10
4.6
–
–
V
Output Logic “0”
at IOL = 20
µA
4, 10
–
–
0.4
V
at IOL = 100
µA
3, 4
–
–
0.4
V
at IOL = 360
µA
4, 8, 9
–
–
0.4
V
Digital Input Current
(V
IN = Logic “1” or “0”)
2
–
–
1.0
µA
Leakage Current into IRQ “OFF” Output
5
–
–
4.0
µA
Digital Input Capacitance
2
–
–
7.5
pF
Analogue Impedance
Input Impedance
13
–
500
–
k
Ω
Output Impedance
–
1.5
–
k
Ω
Dynamic Values
Encoder
Analogue Signal Input Levels
6
-24.0
–
4.0
dB
Passband
11, 12
–
3400
–
Hz
Decoder
Analogue Signal Output Levels
6
-24.0
–
4.0
dB
Passband
11, 12
300
–
3400
Hz
Encoder/Decoder (Full Codec)
Passband
11, 12
300
3400
Hz
Passband Gain
12
–
0
–
dB
Passband Ripple
12
-3.0
–
3.0
dB
Stopband
6.0
–
10
kHz
Stopband Attenuation
–
50.0
–
dB
SINAD Level (-6dB)
–
23.0
–
dB
Output Noise (Input short circuit)
–
-50
–
dBp
Idle Channel Noise (Forced )
–
-55
–
dBp
Xtal/clock Frequency
7
–
4.0
–
MHz
Notes
1.
Does not include current drawn by any attached DRAM.
2.
Serial Clock, Command Data, CS, A1/DEI and A2/DCK inputs.
3.
CAS, WE and A0 to A9 outputs.
4.
All measurements are made at 5.0 volts V
DD, any variations may alter parameters accordingly.
5.
When the IRQ Output is at V
DD.
6.
The optimum range of levels for a good Signal-to-Noise Ratio.
7.
Audio frequency responses will vary with respect to Xtal/clock frequency.
8.
Reply Data output.
9.
IRQ output.
10. RAS Outputs.
11. Passband is reduced to (typically) 2700Hz when a sample rate of 25kb/s or 50kb/s is employed.
12. Measured with a -20dB input level to avoid codec slope-overload.
13. For optimum noise performance this input should be driven from a source impedance of less than 100
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com