Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX802
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX802 Datasheet HTML 6Page - CML Microcircuits FX802 Datasheet HTML 7Page - CML Microcircuits FX802 Datasheet HTML 8Page - CML Microcircuits FX802 Datasheet HTML 9Page - CML Microcircuits FX802 Datasheet HTML 10Page - CML Microcircuits FX802 Datasheet HTML 11Page - CML Microcircuits FX802 Datasheet HTML 12Page - CML Microcircuits FX802 Datasheet HTML 13Page - CML Microcircuits FX802 Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Codec Performance
Fig.7 Typical Overall (Encoder + Decoder) Frequency Response
Fig.10 Typical Overall (Encoder + Decoder) Frequency Response
Frequency (kHz)
- 50
- 40
- 30
- 20
- 10
0
+ 10
Gain (dB)
- 60
01
2
3
4
5
6
0.2
Input 0dB Ref: = 308mVrms
Input Level
= -20dB
Sample Rates = 25 or 50kb/s
0dB
Frequency (kHz)
- 50
- 40
- 30
- 20
- 10
0
+ 10
Gain (dB)
- 60
01
2
3
4
5
6
Input 0dB Ref: = 308mVrms
Input Level
= -20dB
Sample Rates = 16, 32 or 63kb/s
0.2
0dB
Fig.8 SINAD vs Input Level at Differing Sample Rates
Fig.9 SINAD vs Input Level at Differing Frequencies
SINAD
(dB)
10
20
30
-30
-24
-18
-12
-6
0
Input Level (dB
64kb/s
50kb/s
32kb/s
25kb/s
Input Frequency = 1.0kHz
0dB Ref:
= 308mVrms
SINAD
(dB)
10
20
30
-30
-24
-18
-12
-6
0
Input Level (dB)
600Hz
1000Hz
1500Hz
Sample Rate = 32kb/s
0dB Ref:
= 308mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com