Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX919AD2 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 5Page - CML Microcircuits FX919AD2 Datasheet HTML 6Page - CML Microcircuits FX919AD2 Datasheet HTML 7Page - CML Microcircuits FX919AD2 Datasheet HTML 8Page - CML Microcircuits FX919AD2 Datasheet HTML 9Page - CML Microcircuits FX919AD2 Datasheet HTML 10Page - CML Microcircuits FX919AD2 Datasheet HTML 11Page - CML Microcircuits FX919AD2 Datasheet HTML 12Page - CML Microcircuits FX919AD2 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
9
D/919A/4
In receive mode, the filter is used to reject HF noise and to equalise the received signal to a form suitable for
extracting the 4-level symbols.
Tx Output Buffer
This is a unity gain amplifier used in transmit mode to buffer the output of the Tx low pass filter. In receive
mode, the input of this buffer is connected to VBIAS unless the RXEYE bit of the Control Register is '1', when it
is connected to the received signal. When changing from Rx to Tx mode the input to this buffer will be
connected to VBIAS for 8 symbol times while the RRC filter settles.
Note: The RC low pass filter formed by the external components R4 and C5 between the TXOP pin and the
input to the radio's frequency modulator forms an important part of the transmit signal filtering.
These
components may form part of any dc level-shifting and gain adjustment circuitry. The value used for C5 should
take into account stray circuit capacitances, and its ground connection should be positioned to give maximum
attenuation of high frequency noise into the modulator.
The signal at the TXOP pin is centred around VBIAS and is approx 0.2 x VDD pk-pk for a continuous '+3 +3 -3
-3 ...' pattern.
A capacitor may be fitted in series with the input to the frequency modulator if ac coupling is desired, see
Section 1.6.4.
Frequency / Symbol rate
dB
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
Figure 5 RRC Filter Frequency Response (including the external RC filter R4/C5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com