Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX919AD2 Datasheet(PDF) 25 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 21Page - CML Microcircuits FX919AD2 Datasheet HTML 22Page - CML Microcircuits FX919AD2 Datasheet HTML 23Page - CML Microcircuits FX919AD2 Datasheet HTML 24Page - CML Microcircuits FX919AD2 Datasheet HTML 25Page - CML Microcircuits FX919AD2 Datasheet HTML 26Page - CML Microcircuits FX919AD2 Datasheet HTML 27Page - CML Microcircuits FX919AD2 Datasheet HTML 28Page - CML Microcircuits FX919AD2 Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
25
D/919A/4
Mode Register B4: RXEYE - Show Rx Eye
This bit should normally be set to '0'. Setting it to '1' when the modem is in receive mode configures the modem
into a special test mode, in which the input of the Tx o/p buffer is connected to the Rx Symbol/Clock extraction
circuit at a point which carries the equalised receive signal. This may be monitored with an oscilloscope (at the
TXOP pin itself), to assess the quality of the complete radio channel including the Tx and Rx modem filters, the
Tx modulator and the Rx IF filters and FM demodulator.
The resulting eye diagram (for reasonably random data) should ideally be as shown in the following Figure 13,
with 4 'crisp' and equally spaced crossing points.
Figure 13 Ideal 'RXEYE' Signal
Mode Register B3: PSAVE - Powersave
When this bit is a '1', the modem will be in a 'powersave' mode in which the internal filters, the Rx Symbol &
Clock extraction circuits and the Tx o/p buffer will be disabled, and the TxOp pin will be connected to VBIAS
through a high value resistance.
The Xtal Clock oscillator, Rx i/p amplifier and the µC interface logic will
continue to operate.
Setting the PSAVE bit to '0' restores power to all of the chip circuitry. Note that the internal filters - and hence
the TxOp pin in transmit mode - will take about 20 symbol-times to settle after the PSAVE bit is taken from '1' to
'0'.
Mode Register B2, B1, B0
These bits should be set to '000'.
1.5.5.5 Status Register
This register may be read by the µC to determine the current state of the modem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com