Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX919AD2 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 9Page - CML Microcircuits FX919AD2 Datasheet HTML 10Page - CML Microcircuits FX919AD2 Datasheet HTML 11Page - CML Microcircuits FX919AD2 Datasheet HTML 12Page - CML Microcircuits FX919AD2 Datasheet HTML 13Page - CML Microcircuits FX919AD2 Datasheet HTML 14Page - CML Microcircuits FX919AD2 Datasheet HTML 15Page - CML Microcircuits FX919AD2 Datasheet HTML 16Page - CML Microcircuits FX919AD2 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
13
D/919A/4
The 'Header' block is self-contained in that it includes its own checksum (CRC1), and would normally carry
information such as the addresses of the called and calling parties, the number of following blocks in the frame
(if any) and miscellaneous control information. The 'Intermediate' block(s) contain only data, the checksum for
all of the data in the 'Intermediate' and 'Last' blocks (CRC2) being contained at the end of the 'Last' block.
This arrangement, whilst efficient in terms of data capacity, may not be optimum for poor signal-to-noise
conditions, since a reception error in any one of the 'Intermediate' or 'Last' blocks would invalidate the whole
frame. In these conditions, increased throughput may be obtained by using the 'Header' block format for all
blocks of the frame, so that blocks which are received correctly can be identified as such, and need not be re-
transmitted. This, and some other possible frame structures, are shown in Figure 7a below.
Figure 7a Some Alternative Frame Structures
The FX919A performs all of the block formatting and de-formatting, the binary data transferred between the
modem and its
µC being that enclosed by the thick dashed rectangles near the top of Figure 7.
1.5.5
The Programmer's View
The modem appears to the programmer as 4 write only 8-bit registers shadowed by 3 read only registers,
individual registers being selected by the A0 and A1 chip inputs:
A1
A0
Write to Modem
Read from Modem
0
0
Data Buffer
Data Buffer
0
1
Command Register
Status Register
1
0
Control Register
Data Quality Register
1
1
Mode Register
not used
Note that there is a minimum allowable time between accesses of the modem's registers, see Section 1.7.1 for
details.
1.5.5.1
Data Block Buffer
This is a 12-byte read/write buffer which is used to transfer data (as opposed to command, status, mode, data
quality or control information) between the modem and the host µC.
It appears to the µC as a single 8-bit register; the modem ensuring that sequential µC reads or writes to the
buffer are routed to the correct locations within the buffer.
The µC should only access this buffer when the Status Register BFREE (Buffer Free) bit is '1'.
The buffer should only be written to while in Tx mode and read from while in Rx mode. Note that in receive
mode the modem will function correctly even if the received data is not read from the Data Buffer by the
µC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com