Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 5Page - Diodes Incorporated ZXLD1370 Datasheet HTML 6Page - Diodes Incorporated ZXLD1370 Datasheet HTML 7Page - Diodes Incorporated ZXLD1370 Datasheet HTML 8Page - Diodes Incorporated ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated ZXLD1370 Datasheet HTML 10Page - Diodes Incorporated ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
9 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Buck-Boost mode – RS=150mΩ - ILED = 350mA - GIRATIO = 0.23
0.330
0.335
0.340
0.345
0.350
0.355
0.360
0.365
0.370
6.5
8
9.5
11
12.5
14
15.5
17
Input Voltage (V)
Figure 10: LED Current vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
0
100
200
300
400
500
600
700
800
6.5
8
9.5
11
12.5
14
15.5
17
Input Voltage (V)
Figure 11: Switching Frequency vs. Input Voltage & Number of LED
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
60%
65%
70%
75%
80%
85%
90%
95%
100%
6.5
8
9.5
11
12.51415.517
Input Voltage (V)
Figure 12: Efficiency vs. Input Voltage & Number of LED
3 L ED s
4 L ED s
5 L ED s
6 L ED s
7 L EDs
8 L ED s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com