Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated ZXLD1370 Datasheet HTML 10Page - Diodes Incorporated ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated ZXLD1370 Datasheet HTML 14Page - Diodes Incorporated ZXLD1370 Datasheet HTML 15Page - Diodes Incorporated ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
13 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Therefore:
LED
2
GI
1
GI
1
GI
s
I
mV
225
)
R
(R
R
R
+
=
Note that the average LED current for a boost or buck-boost converter is always less than the average sense resistor
current. For the ZXLD1370, the recommended potential divider ratio is given by:
50
.
0
)
R
R
(
R
2
.
0
2
GI
1
GI
1
GI
≤
+
≤
It is possible to use a different combination of GI pin voltages and sense resistor values to set the LED current.
In general the design procedure to follow is:
-
Define input conditions in terms of VIN and IIN
-
Set output conditions in terms of LED current and the number of LEDs
-
Define controller topology – Buck, Boost or Buck-boost
Calculate the maximum duty-cycle as:
Buck mode
MIN
IN
LEDs
MAX
V
V
D
=
Boost mode
LEDS
MIN
IN
LEDS
MAX
V
V
V
D
−
=
Buck-boost mode
MIN
IN
LEDS
LEDS
MAX
V
V
V
D
+
=
Set the appropriate GI ratio according to the circuit duty and the max switch current admissible cycle limitations
MAX
2
GI
1
GI
1
GI
ADJ
GI
D
1
)
R
(R
R
V
V
−
≤
+
=
- Set RGI1 as:
Ω
≤
≤
Ω
k
200
R
k
10
1
GI
- Calculate RGI2 as:
1
GI
MAX
MAX
2
GI
R
x
D
1
D
R
−
≈
-
Calculate the sense resistor as:
LED
2
GI
1
GI
1
GI
s
I
mV
225
)
R
(R
R
R
+
=
If the potential divider ratio is greater than 0.64, the device detects that buck-mode operation is desired and the output current
will deviate from the desired value.
For example, as in the typical application circuit, in order to get ILED= 350mA with IRS=1.5A the ratio has to be set as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com