Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
21 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Buck
12
I
I
PP
LED
RMS
COUTPUT
−
−
=
Boost and Buck-boost
MAX
MAX
LED
RMS
COUTPUT
D
1
D
I
I
−
=
−
Ceramic capacitors with X7R dielectric are the best choice due to their high ripple current rating, long lifetime, and
performance over the voltage and temperature ranges.
INPUT CAPACITOR
The input capacitor can be calculated knowing the input voltage ripple
ΔVIN-PP as follows:
Buck
PP
IN
SW
LED
IN
V
x
f
I
x
)
D
1
(
x
D
C
−
Δ
−
=
Use D = 0.5 as worst case
Boost
PP
IN
SW
PP
L
IN
V
x
f
x
8
I
C
−
−
Δ
Δ
=
Buck-boost
PP
IN
SW
LED
IN
V
x
f
I
x
D
C
−
Δ
=
Use D = DMAX as worst case
The minimum RMS current for the output capacitor is calculated as follows:
Buck
)
D
1
(
Dx
x
I
I
LED
RMS
CIN
−
=
−
use D=0.5 as worst case
Boost
12
I
I
PP
L
RMS
CIN
−
−
=
Buck-boost
)
D
1
(
D
x
I
I
LED
RMS
CIN
−
=
−
Use D=DMAX as worst case
PWM OUTPUT CURRENT CONTROL & DIMMING
The ZXLD1370 has a dedicated PWM dimming input that allows a wide dimming frequency range from 100Hz to 1kHz with
up to 1000:1 resolution; however higher dimming frequencies can be used – at the expense of dimming dynamic range and
accuracy.
Typically, for a PWM frequency of 1kHz, the error on the current linearity is lower than 5%; in particular the accuracy is
better than 1% for PWM from 5% to 100%. This is shown in the graph below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com