Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3474 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC3474
Description  Switching Applications Solenoid Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3474 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3474 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3474
2005-02-01
4
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
24
0
0
(1) Tc = Ta infinite heat sink
(2) Mounted on a ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
25
50
75
100
125
150
175
4
8
12
16
20
(1)
(2)
(3)
0.1
0.01
Common emitter
IC/IB = 300
25
100
Tc = −55°C
5
0.03
0.1
0.3
1
2
0.3
0.5
1
3
Common emitter
VCE = 1 V
−55
25
Tc = 100°C
0
2.0
1.6
1.2
0.8
0.4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
0.01
1
5
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
DC operation
Tc = 25°C
30
100
10
3
1
0.03
0.05
0.1
0.3
0.5
3
100 µs*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com