Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3474 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3474
Description  Switching Applications Solenoid Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3474 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3474 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3474
2005-02-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC3474
Switching Applications
Solenoid Drive Applications
• High DC current gain: hFE = 500 (min) (IC = 400 mA)
• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 300 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
2
A
Base current
IB
0.5
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3474

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3474 TOSHIBA-2SC3474 Datasheet
189Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SC3474 TOSHIBA-2SC3474 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3474 ISC-2SC3474 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC3474 ISC-2SC3474 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
2SC3474-251 ISC-2SC3474-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3474

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3474 TOSHIBA-2SC3474 Datasheet
189Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SC3673 TOSHIBA-2SC3673 Datasheet
200Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SD2092 TOSHIBA-2SD2092 Datasheet
228Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SK526 TOSHIBA-2SK526 Datasheet
133Kb / 3P
MOTOR AND SOLENOID DRIVE APPLICATIONS
TPCA8007-H TOSHIBA-TPCA8007-H Datasheet
38Kb / 4P
Switching Regulator Applications, Motor Drive Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SC3673 TOSHIBA-2SC3673_04 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3964 TOSHIBA-2SC3964_04 Datasheet
150Kb / 5P
Switching Applications Solenoid Drive Applications Temperature Compensated for Audio Amplifier Output Stage
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
Solenoid Drive Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com