Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3474 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3474
Description  Switching Applications Solenoid Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3474 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3474 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3474 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3474
2005-02-01
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VCE – IC
0
0
Common emitter
Tc = 25°C
2.0
1.6
1.2
1
0.8
0.6
0.4
2.0
0
1.6
1.2
0.8
0.4
2
4
6
8
12
10
IB = 0.2 mA
0
0
Common emitter
Tc = 25°C
2.0
2
6
4
8 10 12
1
16
1.6
1.2
0.8
0.4
0.4
0.8
1.2
1.6
2.4
2.0
IB = 0.5 mA
20
0
0
Common emitter
Tc = 100°C
2.0
1.6
1.2
0.8
0.4
0.4
0.8
1.2
1.6
2.4
2.0
2
6
4
8 10
12
1
16
IB = 0.5 mA
20
0
0
Common emitter
Tc = −55°C
2.0
1.6
1.2
0.8
0.4
0.4
0.8
1.2
1.6
2.4
2.0
2
6
4
8
10
12
1
16
IB = 0.5 mA
20
25
Tc = 100°C
Common emitter
VCE = 1 V
−55
5000
300
1000
500
30
50
100
0.01
0.03
0.1
0.3
1
3
3000
25
Tc = 100°C
Common emitter
IC/IB = 300
−55
5
0.3
1
0.5
0.03
0.05
0.1
0.01
0.03
0.1
0.3
1
3
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com