Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1506 Datasheet HTML 1Page - Diodes Incorporated AP1506 Datasheet HTML 2Page - Diodes Incorporated AP1506 Datasheet HTML 3Page - Diodes Incorporated AP1506 Datasheet HTML 4Page - Diodes Incorporated AP1506 Datasheet HTML 5Page - Diodes Incorporated AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506
Document number: DS31015 Rev. 7 - 2
5 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable version only)
-
-10
-50
nA
-100
FOSC
Oscillator Frequency
127
150
173
KHz
110
-
173
FSCP
Oscillator Frequency of
Short Circuit Protect
When current limit occurred
and VFB < 0.5V, Ta = 25
oC
10
30
50
KHz
VSAT
Saturation Voltage
IOUT = 3A
No outside circuit
VFB = 0V force driver on
-
1.4
1.6
V
1.7
DC
Max. Duty Cycle (ON)
VFB = 0V force driver on
-
100
-
%
Min. Duty Cycle (OFF)
VFB = 12V force driver off
-
0
-
ICL
Current Limit
Peak current
No outside circuit
VFB = 0 force driver on
3.6
4.5
5.5
A
6.5
IL
Output = 0V
Output
Leakage
Current
No outside circuit
VFB = 12 force driver off
-
-
-200
µA
Output = -1V
VIN = 22V
-
-5
-
mA
IQ
Quiescent Current
VFB = 12 force driver off
-
5
10
mA
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V
VIN = 22V
-
70
150
µA
200
VIL
ON/OFF Pin Logic Input
Threshold Voltage
Low (regulator ON)
-
1.3
0.6
V
VIH
High (regulator OFF)
2.0
-
IH
ON/OFF Pin Logic
Input Current
VLOGIC = 2.5V (OFF)
-
-
-0.01
µA
IL
ON/OFF Pin Input
Current
VLOGIC = 0.5V (ON)
-
-0.1
-1
θ
JA
Thermal Resistance
Junction to Ambient
TO263-5L (Note 3)
37
-
oC/W
TO220-5L(R) (Note 3)
31
-
θ
JC
Thermal Resistance
Junction to Case
TO263-5L (Note 3)
6
-
oC/W
TO220-5L(R) (Note 3)
5
-
Notes:
3. Test condition: Device mounted with copper area of approximately 3 in
2
, no air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com