Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1506 Datasheet HTML 5Page - Diodes Incorporated AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated AP1506 Datasheet HTML 10Page - Diodes Incorporated AP1506 Datasheet HTML 11Page - Diodes Incorporated AP1506 Datasheet HTML 12Page - Diodes Incorporated AP1506 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506
Document number: DS31015 Rev. 7 - 2
9 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics
AP1506 Efficiency vs. Temperature
(VIN = 12V, VOUT = 5V, Io = 3A)
72
73
74
75
76
77
78
79
80
81
82
83
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA)
AP1506 Efficiency vs. Temperature
(VIN = 12V, VOUT = 3.3V, Io = 3A)
70
71
72
73
74
75
76
77
78
-50 -30 -10 10
30 50 70
90 110 130 150
Temperature (TA) (
oC)
AP1506 Saturation Voltage vs. Temperature
(Vcc = 12V, VFB = 0V, VSD = 0)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (TA) (
oC)
3A
2A
1A
0.5A
AP1506 Switch Current Limit vs. Temperature
(Vcc = 12V, VFB = 0V)
3
3.5
4
4.5
5
5.5
-50
-30
-10
1030
50
7090
Temperature (TA) (
oC)
AP1506 Supply Current vs. Temperature
(Vcc = 12V, No Load, Von/off = 0V (Switch ON), Von/off = 5V (Switch OFF))
5
6
7
8
9
10
11
12
13
14
15
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (TA) (
oC)
Switch ON
30
35
40
45
50
55
60
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (TA) (
oC)
Switch OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com