Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated AP1506 Datasheet HTML 10Page - Diodes Incorporated AP1506 Datasheet HTML 11Page - Diodes Incorporated AP1506 Datasheet HTML 12Page - Diodes Incorporated AP1506 Datasheet HTML 13Page - Diodes Incorporated AP1506 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506
Document number: DS31015 Rev. 7 - 2
11 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
Package
K5 : TO263-5L
Output version
AP1506 - XX XXX X - X
Packing
U : Tube
13 : Tape & Reel
Blank : Adjustable
33
: 3.3V
50
: 5.0V
12
: 12V
Lead Free
L : Lead Free
T5 : TO220-5L
T5R : TO220-5L(R)
G : Green
Device
Package
Code
Packaging
(Note 4)
Tube/Bulk
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1506-XXK5L-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1506-XXK5G-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1506-XXT5L-U
T5
TO220-5L
50
-U
NA
NA
AP1506-XXT5G-U
T5
TO220-5L
50
-U
NA
NA
AP1506-XXT5RL-U
T5R
TO220-5L(R)
50
-U
NA
NA
AP1506-XXT5RG-U
T5R
TO220-5L(R)
50
-U
NA
NA
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com