Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2280 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2280
Description  Single Channel Slew Rate Controlled Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP2280
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
5 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Quiescent Current vs. Input Voltage
0
0.002
0.004
0.006
0.008
0.01
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage (V)
Quiescent Current vs. Temperature
0.000
0.005
0.010
0.015
0.020
-40
-20
0
20
40
60
80
100
Temperature (
0C)
VIN=1.8V
VIN=3.3V
VIN=5.0V
RDS(ON) vs. Input Voltage
50.00
100.00
150.00
200.00
250.00
300.00
1.52
2.53
3.5
4
4.55
5.5
6
Input Voltage (V)
I=100mA
I=500mA
I=1A
I=2A
RDS(ON) vs. Temperature
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
200.00
-50
-25
0
25
50
75
100
Temperature (
0C)
VIN =1.8V
VIN =3.3V
VIN =5V
ENABLE Threshold vs. Input Voltage
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.522.53
3.544.5
5
5.5
Input Voltage (V)
VIL (V)
VIH (V)
Input Shutdown Current vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
-40
-20
0
204060
80
100
Temperature (
0C)
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com