Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2280 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2280
Description  Single Channel Slew Rate Controlled Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP2280
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
4 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
(TA = 25
oC, V
IN = VEN = 5.0V, unless otherwise stated)
Symbol
Parameters
Test Conditions
Min
Typ.
Max
Unit
IQ
Input Quiescent Current
VEN = VIN, IOUT= 0
⎯
0.004
1
μA
ISHDN
Input Shutdown Current
VEN = 0V, OUT open
⎯
0.004
1
μA
ILEAK
Input Leakage Current
VEN = 0V, OUT grounded
⎯
0.01
1
μA
RDS(ON)
Switch on-resistance
VIN = 5.0V
80
105
m
Ω
VIN = 3.3V
92
120
m
Ω
VIN = 1.8V
150
200
m
Ω
VIN = 1.5V
200
250
m
Ω
VIL
EN Input Logic Low Voltage
VIN = 1.5V to 6V
0.4
V
VIH
EN Input Logic High Voltage
1.5V ≤ VIN ≤ 2.7V
1.4
V
2.7V < VIN < 5.25V
1.6
V
VIN ≥ 5.25V
1.7
V
ISINK
EN Input leakage
VEN = 5V
⎯
1
μA
TD(ON)
Output turn-on delay time
Rload=10Ω
1
μS
TON
Output turn-on rise time
AP2280-1, Rload=10Ω
100
150
μS
AP2280-2, Rload=10Ω
1000 1500
μS
TD(OFF)
Output turn-off delay time
Rload=10Ω
0.4
1
μS
RDISCH
Discharge FET on-resistance
VEN = GND
20
40
Ω
θ
JA
Thermal Resistance Junction-to-Ambient
SOT25 (Note 5)
160
oC/W
DFN2018-6 (Note 6)
93
θ
JC
Thermal Resistance Junction-to-case
SOT25 (Note 5)
38
oC/W
DFN2018-6 (Note 6)
41
Notes:
5. Test condition for SOT25: Device mounted on FR-4 substrate PC board, with minimum recommended pad layout.
6. Test condition for DFN2018-6: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3 vias to
bottom layer 1.0"x1.4" ground plane.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com