Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2280 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2280
Description  Single Channel Slew Rate Controlled Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP2280
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
1 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Wide input voltage range: 1.5V – 6V
•
Low RDS(ON): 80mΩ typical @ 5V
•
Turn-on slew rate controlled
•
AP2280-1: 100us turn-on rise time
•
AP2280-2: 1ms turn-on rise time
•
Very low turn-on quiescent current: << 1uA
•
Fast load discharge pin
•
Temperature range -40ºC to 85°C
•
SOT25 and DFN2018-6: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP2280 slew rate controlled load switch is a single P-channel
MOSFET power switch designed for high-side load-switching or
power distribution applications.
The MOSFET has a typical
RDS(ON) of 80mΩ at 5V, allowing increased load current handling
capability with a low forward voltage drop. The turn-on slew rate of
the device is controlled internally to reduce turn-on inrush current.
The AP2280 load switch is designed to operate from 1.5V to 6.0V,
making it ideal for 1.8V, 2.5V, 3.3V, and 5V systems. The typical
quiescent supply current is only 0.004uA, making it ideal for
battery
powered
distribution
system
where
the
power
consumption is a concern.
•
Smart Phones
•
Personal Digital Assistant (PDA)
•
Cell Phones
•
GPS Navigators
•
Bluetooth Headsets
•
PMP/MP4
•
Notebook and Pocket PC
Package
Packing
7 : Tape & Reel
Green
G : Green
AP2280 - X XX G - 7
W : SOT25
Turn- on rise time
1 : 100us
2 : 1ms
FM : DFN2018-6
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP2280-1WG-7
W
SOT25
3000/Tape & Reel
-7
AP2280-2WG-7
W
SOT25
3000/Tape & Reel
-7
AP2280-1FMG-7
FM
DFN2018-6
3000/Tape & Reel
-7
AP2280-2FMG-7
FM
DFN2018-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Applications
Ordering Information


Similar Part No. - AP2280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-2W DIODES-AP2280-2W Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 3
AP22800HB-7 DIODES-AP22800HB-7 Datasheet
1Mb / 14P
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 3
More results

Similar Description - AP2280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com