Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2192 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2192
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2192 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2192 Datasheet HTML 9Page - Diodes Incorporated AP2192 Datasheet HTML 10Page - Diodes Incorporated AP2192 Datasheet HTML 11Page - Diodes Incorporated AP2192 Datasheet HTML 12Page - Diodes Incorporated AP2192 Datasheet HTML 13Page - Diodes Incorporated AP2192 Datasheet HTML 14Page - Diodes Incorporated AP2192 Datasheet HTML 15Page - Diodes Incorporated AP2192 Datasheet HTML 16Page - Diodes Incorporated AP2192 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP2182/AP2192
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2182/AP2192 Rev. 6
14 of 17
JULY 2010
www.diodes.com
© Diodes Incorporated
Application Note
(Continued)
Thermal Protection
Thermal protection prevents the IC from damage when heavy-overload or short-circuit faults are present for
extended periods of time. The AP2182/AP2192 implements a thermal sensing to monitor the operating
junction temperature of the power distribution switch. Once the die temperature rises to approximately
140°C due to excessive power dissipation in an over-current or short-circuit condition the internal thermal
sense circuitry turns the power switch off, thus preventing the power switch from damage. Hysteresis is built
into the thermal sense circuit allowing the device to cool down approximately 25°C before the switch turns
back on. The switch continues to cycle in this manner until the load fault or input power is removed. The
FLG open-drain output is asserted when an over-temperature shutdown or over-current occurs with
7-ms deglitch.
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power
supply has reached at least 1.9V, even if the switch is enabled. Whenever the input voltage falls below
approximately 1.9V, the power switch is quickly turned off. This facilitates the design of hot-insertion systems
where it is not possible to turn off the power switch before input power is removed.
Host/Self-Powered HUBs
Hosts and self-powered hubs (SPH) have a local power supply that powers the embedded functions and the
downstream ports (see Figure 2). This power supply must provide from 5.25V to 4.75V to the board side of
the downstream connection under both full-load and no-load conditions. Hosts and SPHs are required to
have current-limit protection and must report over-current conditions to the USB controller. Typical SPHs are
desktop PCs, monitors, printers, and stand-alone hubs.
Figure 2. Typical Two-Port USB Host / Self-Powered Hub
Generic Hot-Plug Applications
In many applications it may be necessary to remove modules or pc boards while the main unit is still
operating. These are considered hot-plug applications. Such implementations require the control of current
surges seen by the main power supply and the card being inserted. The most effective way to control these
surges is to limit and slowly ramp the current and voltage being applied to the card, similar to the way in
which a power supply normally turns on. Due to the controlled rise times and fall times of the
AP2182/AP2192, these devices can be used to provide a softer start-up to devices being hot-plugged into a
powered system. The UVLO feature of the AP2182/AP2192 also ensures that the switch is off after the card
has been removed, and that the switch is off during the next insertion.
By placing the AP2182/AP2192 between the VCC input and the rest of the circuitry, the input power reaches
these devices first after insertion. The typical rise time of the switch is approximately 1ms, providing a slow
voltage ramp at the output of the device. This implementation controls system surge current and provides a
hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com