Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2192 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2192
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2192 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2192 Datasheet HTML 1Page - Diodes Incorporated AP2192 Datasheet HTML 2Page - Diodes Incorporated AP2192 Datasheet HTML 3Page - Diodes Incorporated AP2192 Datasheet HTML 4Page - Diodes Incorporated AP2192 Datasheet HTML 5Page - Diodes Incorporated AP2192 Datasheet HTML 6Page - Diodes Incorporated AP2192 Datasheet HTML 7Page - Diodes Incorporated AP2192 Datasheet HTML 8Page - Diodes Incorporated AP2192 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2182/AP2192
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2182/AP2192 Rev. 6
1 of 17
JULY 2010
www.diodes.com
© Diodes Incorporated
•
Dual USB port power switches
•
Over-current and thermal protection
•
2.1A accurate current limiting
•
Reverse Current Blocking
•
115m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
0.6ms typical rise time
•
Very low shutdown current: 1uA (max)
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 4.5KV HBM, 350V MM
•
Active high (AP2192) or active low (AP2182) enable
•
Ambient temperature range: -40ºC to 85°C
•
SOP-8L and MSOP-8L-EP (Exposed Pad): Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375
•
IEC60950-1 CB Scheme Certified
The AP2182 and AP2192 are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. The family of devices complies with USB 2.0 and
available with both polarities of Enable input.
They offer current
and thermal limiting and short circuit protection as well as
controlled rise time and under-voltage lockout functionality.
A 7ms deglitch capability on the open-drain Flag output prevents
false over-current reporting and does not require any external
components.
All devices are available in SOP-8L and MSOP-8L-EP packages.
•
Consumer electronics – LCD TV & Monitor, Game Machines
•
Communications – Set-Top-Box, GPS, Smartphone
•
Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB
AP 21 X 2 XX G - 13
8 : Active Low
9 : Active High
G : Green
13 : Tape & Reel
2 : 2 Channel
Channel
Green
Package
Enable
Packing
S : SOP-8L
MP : MSOP-8L-EP
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP21X2SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP21X2MPG-13
MP
MSOP-8L-EP
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Applications
Ordering Information


Similar Part No. - AP2192

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2192A DIODES-AP2192A Datasheet
772Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
More results

Similar Description - AP2192

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com