Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2192 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2192
Description  1.5A DUAL CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2192 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2192 Datasheet HTML 1Page - Diodes Incorporated AP2192 Datasheet HTML 2Page - Diodes Incorporated AP2192 Datasheet HTML 3Page - Diodes Incorporated AP2192 Datasheet HTML 4Page - Diodes Incorporated AP2192 Datasheet HTML 5Page - Diodes Incorporated AP2192 Datasheet HTML 6Page - Diodes Incorporated AP2192 Datasheet HTML 7Page - Diodes Incorporated AP2192 Datasheet HTML 8Page - Diodes Incorporated AP2192 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP2182/AP2192
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2182/AP2192 Rev. 6
3 of 17
JULY 2010
www.diodes.com
© Diodes Incorporated
Functional Block Diagram
T herm al
S ense
Drive r
FLG 2
OU T 2
GN D
IN
EN 2
UV L O
C urrent
Lim it
D e g litch
Th erm a l
S ense
Drive r
UVL O
C u rre n t
Lim it
D e g litch
OU T 1
FL G 1
EN 1
GN D
C urrent
Se n se
C urrent
Se n se
A P 21 82 , A P 21 92
0.1uF
IN
GND
EN2
OUT1
ON
68uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG1
Load
10k
10k
FLG2
EN1
OUT2
68uF
0.1uF
Load
10uF
AP2192 Enable Active High
Available Options
Part Number
Channel
Enable pin (EN)
Current limit
(typical)
Recommended
maximum continuous
load current
AP2182
2
Active Low
2.1A
1.5A
AP2192
2
Active High
2.1A
1.5A
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com