Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASK Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ASK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ASK Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ASK Datasheet HTML 5Page - ATMEL Corporation ASK Datasheet HTML 6Page - ATMEL Corporation ASK Datasheet HTML 7Page - ATMEL Corporation ASK Datasheet HTML 8Page - ATMEL Corporation ASK Datasheet HTML 9Page - ATMEL Corporation ASK Datasheet HTML 10Page - ATMEL Corporation ASK Datasheet HTML 11Page - ATMEL Corporation ASK Datasheet HTML 12Page - ATMEL Corporation ASK Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
4546F–RKE–12/08
T5750
9.
Package Information
8.
Ordering Information
Extended Type Number
Package
Remarks
T5750-6AQJ
TSSOP8L
Taped and reeled, Marking: T570, Pb-free
3±0.1
specifications
according to DIN
technical drawings
Issue: 2; 15.03.04
Drawing-No.: 6.543-5083.01-4
14
85
Package: TSSOP 8L
Dimensions in mm
0.65 nom.
3 x 0.65 = 1.95 nom.
0.31-0.07
+0.06
3.8±0.3
4.9±0.1
3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com