Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASK Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ASK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ASK Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ASK Datasheet HTML 2Page - ATMEL Corporation ASK Datasheet HTML 3Page - ATMEL Corporation ASK Datasheet HTML 4Page - ATMEL Corporation ASK Datasheet HTML 5Page - ATMEL Corporation ASK Datasheet HTML 6Page - ATMEL Corporation ASK Datasheet HTML 7Page - ATMEL Corporation ASK Datasheet HTML 8Page - ATMEL Corporation ASK Datasheet HTML 9Page - ATMEL Corporation ASK Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
4546F–RKE–12/08
T5750
Figure 4-2.
Output Power Measurement
4.4
Application Circuit
For the supply-voltage blocking capacitor C
3 a value of 68 nF/X7R is recommended (see Figure
4-3 on page 7 and Figure 4-4 on page 8). C
1 and C2 are used to match the loop antenna to the
power amplifier where C
1 typically is 3.9 pF/NP0 and C2 is 1 pF/NP0; for C2 two capacitors in
series should be used to achieve a better tolerance value and to have the possibility to realize
the Z
Load,opt by using standard valued capacitors.
C
1 forms together with the pins of T5750 and the PCB board wires a series resonance loop that
suppresses the 1
st harmonic, hence the position of C
1 on the PCB is important. Normally the
best suppression is achieved when C
1 is placed as close as possible to the pins ANT1 and
ANT2.
The loop antenna should not exceed a width of 1.5 mm, otherwise the Q-factor of the loop
antenna is too high.
L
1 (≈
50 nH to 100 nH) can be printed on PCB. C
4 should be selected so that the XTO runs on
the load resonance frequency of the crystal. Normally, a value of 12 pF results for a 15 pF
load-capacitance crystal.
1 nF
1.5 pF
2.7 pF
10 nH
C1
C2
C3
L1
VS
Rin
ANT2
ANT1
ZLopt
Power
meter
50
Ω
Z = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com