Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASK Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ASK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ASK Datasheet(HTML) 5 Page - ATMEL Corporation

  ASK Datasheet HTML 1Page - ATMEL Corporation ASK Datasheet HTML 2Page - ATMEL Corporation ASK Datasheet HTML 3Page - ATMEL Corporation ASK Datasheet HTML 4Page - ATMEL Corporation ASK Datasheet HTML 5Page - ATMEL Corporation ASK Datasheet HTML 6Page - ATMEL Corporation ASK Datasheet HTML 7Page - ATMEL Corporation ASK Datasheet HTML 8Page - ATMEL Corporation ASK Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
4546F–RKE–12/08
T5750
Figure 4-1.
Tolerances of Frequency Modulation
Using C
4 =9.2 pF ±2%, C5 = 6.8 pF ±5%, a switch port with CSwitch = 3 pF ±10%, stray capaci-
tances on each side of the crystal of C
Stray1 =CStray2 = 1 pF ±10%, a parallel capacitance of the
crystal of C
0 = 3.2 pF ±10% and a crystal with CM = 13 fF ±10%, an FSK deviation of ±21.5 kHz
typical with worst case tolerances of ±16.8 kHz to ±28.0 kHz results.
4.3
CLK Output
An output CLK signal is provided for a connected microcontroller, the delivered signal is CMOS
compatible if the load capacitance is lower than 10 pF.
4.3.1
Clock Pulse Take-over
The clock of the crystal oscillator can be used for clocking the microcontroller. Atmel
®’s
ATARx9x has the special feature of starting with an integrated RC-oscillator to switch on the
T5750 with ENABLE = H, and after 4 ms to assume the clock signal of the transmission IC, so
that the message can be sent with crystal accuracy.
4.3.2
Output Matching and Power Setting
The output power is set by the load impedance of the antenna. The maximum output power is
achieved with a load impedance of Z
Load,opt = (166 + j226)Ω at 868.3 MHz. There must be a low
resistive path to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 7.7 mA and the maximum output power is
delivered to a resistive load of 475
Ω if the 0.53 pF output capacitance of the power amplifier is
compensated by the load impedance.
An optimum load impedance of:
Z
Load = 475Ω || j/(2 × p × f × 0.53 pF) = (166 + j226)Ω thus results for the maximum output
power of 5.5 dBm.
The load impedance is defined as the impedance seen from the T5750’s ANT1, ANT2 into the
matching network. Do not confuse this large signal load impedance with a small signal input
impedance delivered as input characteristic of RF amplifiers and measured from the application
into the IC instead of from the IC into the application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 475
Ω where the parallel imag-
inary part should be kept constant.
Output power measurement can be done with the circuit of Figure 4-2 on page 6. Note that the
component values must be changed to compensate the individual board parasitics until the
T5750 has the right load impedance Z
Load,opt = (166 + j226)Ω at 868.3 MHz. Also the damping of
the cable used to measure the output power must be calibrated out.
RS
LM
C4
CM
VS
XTAL
C0
C5
CSwitch
CStray1
CStray2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com